công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA00CC0WFPTR bảng dữ liệu(PDF) 9 Page - Rohm

tên linh kiện BA00CC0WFPTR
Giải thích chi tiết về linh kiện  2A/1A Variable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WFPTR bảng dữ liệu(HTML) 9 Page - Rohm

Back Button BA00CC0WFPTR Datasheet HTML 5Page - Rohm BA00CC0WFPTR Datasheet HTML 6Page - Rohm BA00CC0WFPTR Datasheet HTML 7Page - Rohm BA00CC0WFPTR Datasheet HTML 8Page - Rohm BA00CC0WFPTR Datasheet HTML 9Page - Rohm BA00CC0WFPTR Datasheet HTML 10Page - Rohm BA00CC0WFPTR Datasheet HTML 11Page - Rohm BA00CC0WFPTR Datasheet HTML 12Page - Rohm BA00CC0WFPTR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/22
Datasheet
Datasheet
BD60A00NUX
BD60A60NUX
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0C200320-1-2
27.SEP.2012 Rev.001
●Protection - continued
LED terminal over voltage protection
When FB terminal becomes higher than 5.9V (Typ.), IC senses the situation trouble after 100µs and then stops constant
current driver and DC/DC. Therefore IC becomes never heated, even if output and FB are both shorted. Moreover, if FB
terminal becomes lower than 5.9V (Typ.), IC senses normal condition and activates constant current driver.
Prevention of LED terminal over voltage protection malfunction
As the below diagrams show, voltage drop of FB terminal becomes slow when PWM operates by connecting capacitor on
a parallel with LED and decreasing LED current. At that time, LED terminal voltage protection works after condition of FB
terminal > 5.9V keeps more than 100µs. LED terminal voltage protection might stop current driver and DC/DC and also
turns off LEDs, so that please set up coil selection and LED current setting less than 100µs until FB terminal < 5.9V.
Low voltage detect protection (UVLO)
Supply voltage(VIN) becomes lower than low voltage detect voltage 2.2V(Typ.), IC stops DC/DC and constant current
driver. Moreover, this function can be off by boosting supply voltage up to more than hysteresis voltage.
DC/DC
Current Driver
VIN
reset
2.20 V
5%
0V
Active
Active
2.32 V
FB
VOUT
Current Driver
FB
reset
5.9 V
Active
DC/DC
Active
100µs
reset
reset
reset
PWM
L
H
EN
L
H
Current Driver
FB
reset
5.9V
0.7V
Active
DC/DC
Active
100µs
reset
reset
reset
PWM
L
H


Số phần tương tự - BA00CC0WFPTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
357Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
148Kb / 2P
   35V MAX Variable Output LDO Regulator
BA00CC0WFP-E2 ROHM-BA00CC0WFP-E2 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
More results

Mô tả tương tự - BA00CC0WFPTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com