công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7706BR bảng dữ liệu(PDF) 10 Page - Analog Devices |
|
AD7706BR bảng dữ liệu(HTML) 10 Page - Analog Devices |
10 / 32 page AD7705/AD7706 –10– REV. A ON-CHIP REGISTERS The AD7705/AD7706 contains eight on-chip registers which can be accessed via the serial port of the part. The first of these is a Communications Register that controls the channel selection, decides whether the next operation is a read or write operation and also decides which register the next read or write operation accesses. All communications to the part must start with a write opera- tion to the Communications Register. After power-on or RESET, the device expects a write to its Communications Register. The data written to this register determines whether the next operation to the part is a read or a write operation and also determines to which register this read or write operation occurs. Therefore, write access to any of the other registers on the part starts with a write operation to the Communications Register followed by a write to the selected register. A read operation from any other register on the part (including the Communications Register itself and the output data register) starts with a write operation to the Communica- tions Register followed by a read operation from the selected register. The Communications Register also controls the standby mode and channel selection and the DRDY status is also available by reading from the Communications Register. The second register is a Setup Register that determines calibration mode, gain setting, bipolar/unipolar operation and buffered mode. The third register is labelled the Clock Register and contains the filter selection bits and clock control bits. The fourth register is the Data Register from which the output data from the part is accessed. The final registers are the calibration registers which store channel calibration data. The registers are discussed in more detail in the following sections. Communications Register (RS2, RS1, RS0 = 0, 0, 0) The Communications Register is an 8-bit register from which data can either be read or to which data can be written. All communi- cations to the part must start with a write operation to the Communications Register. The data written to the Communications Reg- ister determines whether the next operation is a read or write operation and to which register this operation takes place. Once the subsequent read or write operation to the selected register is complete, the interface returns to where it expects a write operation to the Communications Register. This is the default state of the interface, and on power-up or after a RESET, the AD7705/AD7706 is in this default state waiting for a write operation to the Communications Register. In situations where the interface sequence is lost, if a write operation of sufficient duration (containing at least 32 serial clock cycles) takes place with DIN high, the AD7705 returns to this default state. Table V outlines the bit designations for the Communications Register. Table V. Communications Register 0/DRDY (0) RS2 (0) RS1 (0) RS0 (0) R/W (0) STBY (0) CH1 (0) CH0 (0) 0/ DRDY For a write operation, a “0” must be written to this bit so that the write operation to the Communications Register actually takes place. If a “1” is written to this bit, the part will not clock on to subsequent bits in the register. It will stay at this bit location until a “0” is written to this bit. Once a “0” is written to this bit, the next seven bits will be loaded to the Communications Register. For a read operation, this bit provides the status of the DRDY flag from the part. The status of this bit is the same as the DRDY output pin. RS2–RS0 Register Selection Bits. These three bits select to which one of eight on-chip registers the next read or write opera- tion takes place, as shown in Table VI, along with the register size. When the read or write operation to the se- lected register is complete, the part returns to where it is waiting for a write operation to the Communications Register. It does not remain in a state where it will continue to access the register. TEMPERATURE – C –40 0 4 8 16 20 12 –30 –20 –10 0 10 20 30 40 50 60 70 80 VDD = 5V VDD = 3V MCLK IN = 0V OR VDD Figure 9. Standby Current vs. Temperature CH1 5.00V CH2 2.00V 2 2 1 TEK STOP: SINGLE SEQ 50.0kS/s VDD OSCILLATOR = 4.9152 MHz OSCILLATOR = 2.4576 MHz 5ms/DIV Figure 8. Typical Crystal Oscillator Power-Up Time |
Số phần tương tự - AD7706BR |
|
Mô tả tương tự - AD7706BR |