công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7701 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD7701
Giải thích chi tiết về linh kiện  LC2MOS 16-Bit A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7701 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD7701 Datasheet HTML 6Page - Analog Devices AD7701 Datasheet HTML 7Page - Analog Devices AD7701 Datasheet HTML 8Page - Analog Devices AD7701 Datasheet HTML 9Page - Analog Devices AD7701 Datasheet HTML 10Page - Analog Devices AD7701 Datasheet HTML 11Page - Analog Devices AD7701 Datasheet HTML 12Page - Analog Devices AD7701 Datasheet HTML 13Page - Analog Devices AD7701 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7701
REV. D
–10–
INPUT SIGNAL CONDITIONING
Reference voltages from +1 V to +3 V may be used with the
AD7701, with little degradation in performance. Input ranges
that cannot be accommodated by this range of reference voltages
may be achieved by input signal conditioning. This may take the
form of gain to accommodate a smaller signal range, or passive
attenuation to reduce a larger input voltage range.
Source Resistance
If passive attenuators are used in front of the AD7701, care
must be taken to ensure that the source impedance is suffi-
ciently low. The AD7701 has an analog input with over 1 G
dc input resistance. In parallel with this there as a small dy-
namic load which varies with the clock frequency (see Figure
13). Each time the analog input is sampled, a 10 pF capacitor
draws a charge packet of maximum 1 pC (10 pF
× 100 mV)
AIN
R1
R2
CEXT
AGND
AD7701
VOS ≤100mV
CIN
10pF
Figure 13. Equivalent Input Circuit and Input Attenuator
from the analog source with a frequency fCLKIN/256. For a
4.096 MHz CLKIN, this yields an average current draw of
16 nA. After each sample the AD7701 allows 62 clock periods
for the input voltage to settle. The equation which defines
settling time is:
VO = VIN [1 – e
–t/RC]
where:
VO
is the final settled value,
VIN
is the value of the input signal,
R
is the value of the input source resistance,
C
is the 10 pF sample capacitor,
t
is equal to 62/fCLKIN.
From this, the following equation can be developed which gives
the maximum allowable source resistance, RS(MAX), for an error
of VE:
RS (MAX ) =
62
fCLKIN ×(10 pF ) × ln (100mV /VE )
Provided the source resistance is less than this value, the analog
input will settle within the desired error band in the requisite 62
clock periods. Insufficient settling leads to offset errors. These
can be calibrated in system calibration schemes.
If a limit of 10
µV (0.25 LSB at 16 bits) is set for the maximum
offset voltage, then the maximum allowable source resistance is
160 k
Ω from the above equation, assuming that there is no
external stray capacitance.
An RC filter may be added in front of the AD7701 to reduce
high frequency noise. With an external capacitor added from
AIN to AGND, the following equation will specify the maximum
allowable source resistance:
RS (Max) =
62
f CLKIN ×(CIN + CEXT )× ln
100 mV
× C
IN /( CIN + CEXT )
V
E


The practical limit to the maximum value of source resistance is
thermal (Johnson) noise. A practical resistor may be modeled as
an ideal (noiseless) resistor in series with a noise voltage source
or in parallel with a noise current source.
Vn =
√4 kTRf Volts
in =
√4 kTf / R Amperes
where:
k is Boltzmann’s constant (1.38
× 10–23 J/K)
and
T is temperature in degrees Kelvin (
°C + 273).
Active signal conditioning circuits such as op amps generally do
not suffer from problems of high source impedance. Their open
loop output resistance is normally only tens of ohms and, in any
case, most modern general purpose op amps have sufficiently
fast closed loop settling time for this not to be a problem. Offset
voltage in op amps can be eliminated in a system calibration
routine. With the wide dynamic range and small LSB size of the
AD7701, noise can also be a problem, but the digital filter will
reject most broadband noise above its cutoff frequency. How-
ever, in certain applications there may be a need for analog
input filtering.
Antialias Considerations
The digital filter of the AD7701 does not provide any rejection
at integer multiples of the sampling frequency (nfCLKlN/256,
where n = 1, 2, 3 . . . ).
With a 4.096 MHz master clock there are narrow (
±10 Hz)
bands at 16 kHz, 32 kHz, 48 kHz, etc., where noise passes
unattenuated to the output.
However, due to the AD7701’s high oversampling ratio of 800
(16 kHz to 20 Hz) these bands occupy only a small fraction of
the spectrum, and most broadband noise is filtered. The
reduction in broadband noise is given by:
eOUT = eIN 2 f C / f S = 0.035 eIN
where:
elN and eOUT are rms noise terms referred to the input
fC
is the filter –3 dB corner frequency
(fCLKIN/409600)
and
fS
is the sampling frequency (fCLKIN/256).
Since the ratio of fS to fCLKIN is fixed, the digital filter reduces
broadband white noise by 96.5% independent of the master
clock frequency.


Số phần tương tự - AD7701

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7701 AD-AD7701 Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
AD7701 AD-AD7701 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7701AN AD-AD7701AN Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7701AQ AD-AD7701AQ Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7701AR AD-AD7701AR Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
More results

Mô tả tương tự - AD7701

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
   16-bit A/D Converter?
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
   16-bit A/D Converter
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
   16-Bit A/D Converter
Rev. E
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com