công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

K10101WB bảng dữ liệu(PDF) 6 Page - COSMO Electronics Corporation

tên linh kiện K10101WB
Giải thích chi tiết về linh kiện  High Reliability Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COSMO [COSMO Electronics Corporation]
Trang chủ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10101WB bảng dữ liệu(HTML) 6 Page - COSMO Electronics Corporation

  K10101WB Datasheet HTML 1Page - COSMO  Electronics Corporation K10101WB Datasheet HTML 2Page - COSMO  Electronics Corporation K10101WB Datasheet HTML 3Page - COSMO  Electronics Corporation K10101WB Datasheet HTML 4Page - COSMO  Electronics Corporation K10101WB Datasheet HTML 5Page - COSMO  Electronics Corporation K10101WB Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PRODUCT SPECIFICATION
DATE:12/18/2012
NO.60P00039
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K1010 1W
SHEET 6 OF 6
REV.
6
Notice
The information contained in this document is intended to be a
general product description and is subject to change without notice.
Please contact cosmo in order to obtain the latest device data sheets
before using any cosmo device. cosmo does not assume any
responsibility for use of any circuitry described. No circuit patent
licenses are implied. This publication is the property of cosmo. No
part of this publication may be reproduced or copied in any form or by
any means, or transferred to any third party without the prior written
consent of cosmo Electronics Corporation.
The devices listed in this document are designed for general
applications only in electronic equipment. No devices shall be
deployed which require higher level of reliability such as:
– Medical and other life support equipments.
– Space application.
– Telecommunication equipment ( trunk lines ).
– Nuclear power control equipment.
Unless it received prior written approval from cosmo.
cosmo takes no responsibility for damages arise form the
improper usage of our device. Please contact cosmo for further
information regarding the above notices.


Số phần tương tự - K10101WB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
COSMO Electronics Corp...
K10101W COSMO-K10101W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10101WATLD COSMO-K10101WATLD Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10101WATRU COSMO-K10101WATRU Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10101WETLD COSMO-K10101WETLD Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10101WETRU COSMO-K10101WETRU Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
More results

Mô tả tương tự - K10101WB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
COSMO Electronics Corp...
KTLP160J COSMO-KTLP160J Datasheet
359Kb / 2P
   HIGH RELIABILITY PHOTOCOUPLER
KMOC3041 COSMO-KMOC3041 Datasheet
376Kb / 2P
   High Reliability photocoupler
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
   High Reliability Photocoupler
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
   High Reliability Photocoupler
KPC825 COSMO-KPC825 Datasheet
372Kb / 2P
   High Reliability Photocoupler
KPS2832 COSMO-KPS2832 Datasheet
234Kb / 2P
   High Reliability Photocoupler
KPC815S COSMO-KPC815S Datasheet
139Kb / 6P
   High Reliability Photocoupler
KPC4N33L COSMO-KPC4N33L Datasheet
95Kb / 6P
   High Reliability Photocoupler
K3010 COSMO-K3010_12 Datasheet
96Kb / 6P
   High Reliability Photocoupler
KP2210L COSMO-KP2210L Datasheet
121Kb / 6P
   High Reliability Photocoupler
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com