công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7224LR-1 bảng dữ liệu(PDF) 5 Page - Analog Devices |
|
AD7224LR-1 bảng dữ liệu(HTML) 5 Page - Analog Devices |
5 / 8 page AD7224 REV. B –5– VOUT = D • VREF where D is a fractional representation of the digital input code and can vary from 0 to 255/256. OP-AMP SECTION The voltage-mode D/A converter output is buffered by a unity gain noninverting CMOS amplifier. This buffer amplifier is capable of developing +10 V across a 2 k Ω load and can drive capacitive loads of 3300 pF. The AD7224 can be operated single or dual supply resulting in different performance in some parameters from the output am- plifier. In single supply operation (VSS = 0 V = AGND) the sink capability of the amplifier, which is normally 400 µA, is reduced as the output voltage nears AGND. The full sink capability of 400 µA is maintained over the full output voltage range by tying VSS to –5 V. This is indicated in Figure 2. 500 0 10 300 100 2 200 0 400 8 6 4 V OUT – Volts V SS = –5V V SS = 0V V DD = +15V T A = 25°C Figure 2. Variation of ISINK with VOUT Settling-time for negative-going output signals approaching AGND is similarly affected by VSS. Negative-going settling-time for single supply operation is longer than for dual supply opera- tion. Positive-going settling-time is not affected by VSS. Additionally, the negative VSS gives more headroom to the out- put amplifier which results in better zero code performance and improved slew-rate at the output, than can be obtained in the single supply mode. DIGITAL SECTION The AD7224 digital inputs are compatible with either TTL or 5 V CMOS levels. All logic inputs are static-protected MOS gates with typical input currents of less than 1 nA. Internal in- put protection is achieved by an on-chip distributed diode be- tween DGND and each MOS gate. To minimize power supply currents, it is recommended that the digital input voltages be driven as close to the supply rails (VDD and DGND) as practi- cally possible. INTERFACE LOGIC INFORMATION Table I shows the truth table for AD7224 operation. The part contains two registers, an input register and a DAC register. CS and WR control the loading of the input register while LDAC and WR control the transfer of information from the input regis- ter to the DAC register. Only the data held in the DAC register will determine the analog output of the converter. All control signals are level-triggered and therefore either or both registers may be made transparent; the input register by keeping CS and WR “LOW”, the DAC register by keeping LDAC and WR “LOW”. Input data is latched on the rising edge of WR. TERMINOLOGY TOTAL UNADJUSTED ERROR Total Unadjusted Error is a comprehensive specification which includes full-scale error, relative accuracy and zero code error. Maximum output voltage is VREF – 1 LSB (ideal), where 1 LSB (ideal) is VREF/256. The LSB size will vary over the VREF range. Hence the zero code error, relative to the LSB size, will increase as VREF decreases. Accordingly, the total unadjusted error, which includes the zero code error, will also vary in terms of LSBs over the VREF range. As a result, total unadjusted error is specified for a fixed reference voltage of +10 V. RELATIVE ACCURACY Relative Accuracy or endpoint nonlinearity is a measure of the maximum deviation from a straight line passing through the endpoints of the DAC transfer function. It is measured after al- lowing for zero code error and full-scale error and is normally expressed in LSBs or as a percentage of full-scale reading. DIFFERENTIAL NONLINEARITY Differential Nonlinearity is the difference between the measured change and the ideal 1 LSB change between any two adjacent codes. A specified differential nonlinearity of ±1 LSB max over the operating temperature range ensures monotonicity. DIGITAL FEEDTHROUGH Digital Feedthrough is the glitch impulse transferred to the out- put due to a change in the digital input code. It is specified in nV secs and is measured at VREF = 0 V. FULL-SCALE ERROR Full-Scale Error is defined as: Measured Value – Zero Code Error – Ideal Value CIRCUIT INFORMATION D/A SECTION The AD7224 contains an 8-bit voltage-mode digital-to-analog converter. The output voltage from the converter has the same polarity as the reference voltage, allowing single supply opera- tion. A novel DAC switch pair arrangement on the AD7224 al- lows a reference voltage range from +2 V to +12.5 V. The DAC consists of a highly stable, thin-film, R-2R ladder and eight high speed NMOS single pole, double-throw switches. The simplified circuit diagram for this DAC is shown in Figure 1. V OUT RR R 2R 2R 2R 2R 2R DB0 DB0 DB0 DB0 V REF AGND SHOWN FOR ALL 1's ON DAC Figure 1. D/A Simplified Circuit Diagram The input impedance at the VREF pin is code dependent and can vary from 8 k Ω minimum to infinity. The lowest input imped- ance occurs when the DAC is loaded with the digital code 01010101. Therefore, it is important that the reference presents a low output impedance under changing load conditions. The nodal capacitance at the reference terminals is also code depen- dent and typically varies from 25 pF to 50 pF. The VOUT pin can be considered as a digitally programmable voltage source with an output voltage of: |
Số phần tương tự - AD7224LR-1 |
|
Mô tả tương tự - AD7224LR-1 |