công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD711AH bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD711AH
Giải thích chi tiết về linh kiện  Precision, Low Cost, High Speed, BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD711AH bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD711AH Datasheet HTML 4Page - Analog Devices AD711AH Datasheet HTML 5Page - Analog Devices AD711AH Datasheet HTML 6Page - Analog Devices AD711AH Datasheet HTML 7Page - Analog Devices AD711AH Datasheet HTML 8Page - Analog Devices AD711AH Datasheet HTML 9Page - Analog Devices AD711AH Datasheet HTML 10Page - Analog Devices AD711AH Datasheet HTML 11Page - Analog Devices AD711AH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD711
REV. A
–9–
Figure 28a. Settling Characteristics 0 to +10 V Step
Upper Trace: Output of AD711 Under Test (5 V/Div)
Lower Trace: Amplified Error Voltage (0.01%/Div)
Figure 28b. Settling Characteristics 0 to –10 V Step
Upper Trace: Output of AD711 Under Test (5 V/Div)
Lower Trace: Amplified Error Voltage (0.01%/Div)
Figure 29. Settling Time Test Circuit
GUARDING
The low input bias current (15 pA) and low noise characteristics
of the AD711 BiFET op amp make it suitable for electrometer
applications such as photo diode preamplifiers and picoampere
current-to-voltage converters. The use of a guarding technique
such as that shown in Figure 30, in printed circuit board layout
and construction is critical to minimize leakage currents. The
guard ring is connected to a low impedance potential at the
same level as the inputs. High impedance signal lines should not
be extended for any unnecessary length on the printed circuit
board.
Figure 30. Board Layout for Guarding Inputs
D/A CONVERTER APPLICATIONS
The AD711 is an excellent output amplifier for CMOS DACs.
It can be used to perform both 2 quadrant and 4 quadrant op-
eration. The output impedance of a DAC using an inverted
R-2R ladder approaches R for codes containing many 1s, 3R for
codes containing a single 1, and for codes containing all zero,
the output impedance is infinite.
For example, the output resistance of the AD7545 will modu-
late between 11 k
Ω and 33 kΩ. Therefore, with the DAC’s in-
ternal feedback resistance of 11 k
Ω, the noise gain will vary from
2 to 4/3. This changing noise gain modulates the effect of the
input offset voltage of the amplifier, resulting in nonlinear DAC
amplifier performance.
The AD711K with guaranteed 500
µV offset voltage minimizes
this effect to achieve 12-bit performance.
Figures 31 and 32 show the AD711 and AD7545 (12-bit
CMOS DAC) configured for unipolar binary (2-quadrant multi-
plication) or bipolar (4-quadrant multiplication) operation. Ca-
pacitor C1 provides phase compensation to reduce overshoot
and ringing.


Số phần tương tự - AD711AH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD711AH AD-AD711AH Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711AH AD-AD711AH Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711AH AD-AD711AH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711AH AD-AD711AH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results

Mô tả tương tự - AD711AH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com