công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM1DS-1215DZ bảng dữ liệu(PDF) 3 Page - AIMTEC |
|
AM1DS-1215DZ bảng dữ liệu(HTML) 3 Page - AIMTEC |
3 / 4 page Series AM1DS-Z 1 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.C 3 of 4 North America only Input Specifications Parameters Nominal Typical Maximum Units Voltage range 5 4.5-5.5 VDC 12 10.8-13.2 24 21.6-26.4 Filter Capacitor Turn on Transient process time 25 ms Start up time 200 ms Absolute Maximum Rating 5 Vin 0-7 VDC 12 Vin 0-15 24 Vin 0-28 Peak Input Voltage time 100 ms Input reflected Ripple current With 12µH inductance 20 mA p-p Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1000, 3000, 4000, 5200 & 6000 VDC Resistance > 1000 MOhm Capacitance 10 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±3 % Voltage balance (Dual Output model) Balanced Load ±1 % Short Circuit protection Continuous Short circuit restart Auto-Recovery Line voltage regulation (Single) For 1.0% of Vin ±1.2 % Line voltage regulation (Dual) For 1.0% of Vin ±1.2 % Load voltage regulation load 20~100% ±10 % Temperature coefficient ±0.02 %/ oC Ripple & Noise At 20MHz Bandwidth 75 mV p-p Rising time 50 ms General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load, variable 80 KHz Operating temperature Full load without derating -40 to +85 oC Storage temperature -40 to +125 oC Max Case temperature +100 oC Cooling Free air convection Humidity 95 % Case material Non-conductive black plastic UL 94 V-0 Weight 2.3 g Dimensions (L x W x H) 0.76 x 0.24 x 0.37 inch 19.50 x 6.00 x 9.50 mm MTBF >1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 oC) Safety Specifications Parameters Safety Designed to meet IEC 60950-1 |
Số phần tương tự - AM1DS-1215DZ |
|
Mô tả tương tự - AM1DS-1215DZ |