công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5321 bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
AD5321 bảng dữ liệu(HTML) 7 Page - Analog Devices |
7 / 20 page REV. F AD5305/AD5315/AD5325 –7– Major-Code Transition Glitch Energy Major-code transition glitch energy is the energy of the impulse injected into the analog output when the code in the DAC register changes state. It is normally specified as the area of the glitch in nV-s and is measured when the digital code is changed by 1 LSB at the major carry transition (011 . . . 11 to 100 . . . 00, or 100 . . . 00 to 011 . . . 11). Digital Feedthrough Digital feedthrough is a measure of the impulse injected into the analog output of the DAC from the digital input pins of the device when the DAC output is not being updated. It is specified in nV-s and is measured with a worst-case change on the digital input pins, e.g., from all 0s to all 1s or vice versa. Digital Crosstalk This is the glitch impulse transferred to the output of one DAC at midscale in response to a full-scale code change (all 0s to all 1s and vice versa) in the input register of another DAC. It is expressed in nV-s. DAC-to-DAC Crosstalk This is the glitch impulse transferred to the output of one DAC due to a digital code change and subsequent output change of another DAC. This includes both digital and analog crosstalk. It is measured by loading one of the DACs with a full-scale code change (all 0s to all 1s and vice versa) with the LDAC bit set low and monitoring the output of another DAC. The energy of the glitch is expressed in nV-s. Multiplying Bandwidth The amplifiers within the DAC have a finite bandwidth. The multiplying bandwidth is a measure of this. A sine wave on the reference (with full-scale code loaded to the DAC) appears on the output. The multiplying bandwidth is the frequency at which the output amplitude falls to 3 dB below the input. Total Harmonic Distortion This is the difference between an ideal sine wave and its attenuated version using the DAC. The sine wave is used as the reference for the DAC and the THD is a measure of the harmonics present on the DAC output. It is measured in dB. ACTUAL IDEAL GAIN ERROR PLUS OFFSET ERROR OUTPUT VOLTAGE NEGATIVE OFFSET ERROR DAC CODE AMPLIFIER FOOTROOM (1mV) DEAD BAND CODES NEGATIVE OFFSET ERROR Figure 2. Transfer Function with Negative Offset OUTPUT VOLTAGE POSITIVE OFFSET DAC CODE GAIN ERROR PLUS OFFSET ERROR ACTUAL IDEAL Figure 3. Transfer Function with Positive Offset |
Số phần tương tự - AD5321 |
|
Mô tả tương tự - AD5321 |