công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD532KH bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD532KH
Giải thích chi tiết về linh kiện  Internally Trimmed Integrated Circuit Multiplier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD532KH bảng dữ liệu(HTML) 6 Page - Analog Devices

  AD532KH Datasheet HTML 1Page - Analog Devices AD532KH Datasheet HTML 2Page - Analog Devices AD532KH Datasheet HTML 3Page - Analog Devices AD532KH Datasheet HTML 4Page - Analog Devices AD532KH Datasheet HTML 5Page - Analog Devices AD532KH Datasheet HTML 6Page - Analog Devices AD532KH Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AD532
–6–
REV. B
APPLICATIONS
MULTIPLICATION
Z
OUT
AD532
X1
X2
Y1
Y2
VOUT
VOS
20k
+VS
–VS
(OPTIONAL)
VOUT =
(X1 – X2) (Y1 – Y2)
10V
Figure 11. Multiplier Connection
For operation as a multiplier, the AD532 should be connected
as shown in Figure 11. The inputs can be fed differentially to
the X and Y inputs, or single-ended by simply grounding the
unused input. Connect the inputs according to the desired po-
larity in the output. The Z terminal is tied to the output to close
the feedback loop around the op amp (see Figure 1). The offset
adjust VOS is optional and is adjusted when both inputs are zero
volts to obtain zero out, or to buck out other system offsets.
SQUARE
Z
OUT
AD532
VOUT
VOS
20k
+VS
–VS
(OPTIONAL)
VOUT =
VIN2
10V
VIN
X1
X2
Y1
Y2
–VS
+VS
Figure 12. Squarer Connection
The squaring circuit in Figure 12 is a simple variation of the
multiplier. The differential input capability of the AD532, how-
ever, can be used to obtain a positive or negative output re-
sponse to the input . . . a useful feature for control applications,
as it might eliminate the need for an additional inverter somewhere
else.
DIVISION
Z
OUT
AD532
Z
VOUT
+VS
20k
(X0)
+VS
–VS
VOUT =
10VZ
X
X
X1
X2
Y1
Y2
1k
(SF)
10k
47k
–VS
2.2k
Figure 13. Divider Connection
The AD532 can be configured as a two-quadrant divider by
connecting the multiplier cell in the feedback loop of the op
amp and using the Z terminal as a signal input, as shown in
Figure 13. It should be noted, however, that the output error is
given approximately by 10 V m/(X1 – X2), where m is the total
error specification for the multiply mode; and bandwidth by
fm × (X1 – X2)/10 V, where fm is the bandwidth of the multiplier.
Further, to avoid positive feedback, the X input is restricted to
negative values. Thus for single-ended negative inputs (0 V to
–10 V), connect the input to X and the offset null to X2; for
single-ended positive inputs (0 V to +10 V), connect the input
to X2 and the offset null to X1. For optimum performance, gain
(S.F.) and offset (X0) adjustments are recommended as shown
and explained in Table I.
For practical reasons, the useful range in denominator input is
approximately 500 mV
≤ |(X
1 – X2)|
≤ 10 V. The voltage offset
adjust (VOS), if used, is trimmed with Z at zero and (X1 – X2) at
full scale.
Table I.
Adjust Procedure (Divider or Square Rooter)
DIVIDER
SQUARE ROOTER
Adjust
Adjust
With:
for:
With:
for:
Adjust
X
Z
VOUT
ZVOUT
Scale Factor
–10 V
+10 V
–10 V
+10 V
–10 V
X0 (Offset)
–1 V
+0.1 V –1 V
+0.1 V
–1 V
Repeat if required.
SQUARE ROOT
Z
OUT
AD532
Z
VOUT
+VS
20k
(X0)
+VS
–VS
VOUT = 10VZ
X1
X2
Y1
Y2
1k
(SF)
10k
47k
–VS
2.2k
Figure 14. Square Rooter Connection
The connections for square root mode are shown in Figure 14.
Similar to the divide mode, the multiplier cell is connected in
the feedback of the op amp by connecting the output back to
both the X and Y inputs. The diode D1 is connected as shown
to prevent latch-up as ZIN approaches 0 volts. In this case, the
VOS adjustment is made with ZIN = +0.1 V dc, adjusting VOS to
obtain –1.0 V dc in the output, VOUT = –
√10 V Z. For optimum
performance, gain (S.F.) and offset (X0) adjustments are recom-
mended as shown and explained in Table I.
DIFFERENCE OF SQUARES
Z
OUT
AD532
VOUT
VOS
20k
+VS
–VS
(OPTIONAL)
VOUT =
X2 – Y2
10V
X1
X2
Y1
Y2
–VS
+VS
20k
10k
AD741KH
20k
–Y
X
Y
Figure 15. Differential of Squares Connection
The differential input capability of the AD532 allows for the
algebraic solution of several interesting functions, such as the
difference of squares, X2 – Y2/10 V. As shown in Figure 15, the
AD532 is configured in the square mode, with a simple unity
gain inverter connected between one of the signal inputs (Y)
and one of the inverting input terminals (–YIN) of the multiplier.
The inverter should use precision (0.1%) resistors or be other-
wise trimmed for unity gain for best accuracy.


Số phần tương tự - AD532KH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD532KH AD-AD532KH Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532KHZ AD-AD532KHZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
More results

Mô tả tương tự - AD532KH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
logo
Motorola, Inc
MC3419-1 MOTOROLA-MC3419-1 Datasheet
1Mb / 16P
   SUBSCRIBER LOOP INTERFACE CIRCUIT(SLIC) BIPOLASER-TRIMMED INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com