công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5262BRU200 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD5262BRU200
Giải thích chi tiết về linh kiện  1-/2-Channel 15 V Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5262BRU200 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD5262BRU200 Datasheet HTML 5Page - Analog Devices AD5262BRU200 Datasheet HTML 6Page - Analog Devices AD5262BRU200 Datasheet HTML 7Page - Analog Devices AD5262BRU200 Datasheet HTML 8Page - Analog Devices AD5262BRU200 Datasheet HTML 9Page - Analog Devices AD5262BRU200 Datasheet HTML 10Page - Analog Devices AD5262BRU200 Datasheet HTML 11Page - Analog Devices AD5262BRU200 Datasheet HTML 12Page - Analog Devices AD5262BRU200 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
–9–
AD5260/AD5262
D7
D6
D5
D4
D3
D2
D1
D0
RDAC
LATCH
AND
DECODE
Ax
Wx
Bx
RS = RAB/2N
RS
RS
RS
RS
SHDN
DIGITAL CIRCUITRY
OMITTED FOR CLARITY
Figure 11. Simplified RDAC Architecture
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistances of the RDAC between terminals A and B
are available with values of 20 k
W, 50 kW, and 200 kW. The final
three digits of the part number determine the nominal resistance
value, e.g., 20 k
W = 20; 50 kW = 50; 200 kW = 200. The nominal
resistance (RAB) of the VR has 256 contact points accessed by the
wiper terminal, plus the B terminal contact. The 8-bit data in the
RDAC latch is decoded to select one of the 256 possible settings.
Assuming a 20 k
W part is used, the wiper’s first connection starts
at the B terminal for data 00H. Since there is a 60
W wiper contact
resistance, such connection yields a minimum of 60
W resistance
between terminals W and B. The second connection is the first tap
point corresponds to 138
W (RWB = RAB/256 RW = 78 W 60 W)
for data 01H. The third connection is the next tap point represent-
ing 216
W (78 2 60) for data 02H and so on. Each LSB data
value increase moves the wiper up the resistor ladder until the last
tap point is reached at 19982
W [RAB 1 LSB RW]. The wiper
does not directly connect to the B terminal. See Figure 11 for a
simplified diagram of the equivalent RDAC circuit.
The general equation determining the digitally programmed
output resistance between W and B is:
RD
D
RR
WB
AB
W
() =¥ +
256
(1)
where D is the decimal equivalent of the binary code which is
loaded in the 8-bit RDAC register, and RAB is the nominal end-
to-end resistance.
For example, RAB = 20 k
W, when VB = 0 V and A–terminal is
open circuit, the following output resistance values RWB will be
set for the following RDAC latch codes. The result will be the
same if terminal A is tied to W:
DRWB
(DEC)
(
W)Output State
256
19982
Full-Scale (RAB – 1 LSB + RW)
128
10060
Mid-Scale
1
138
1 LSB
060
Zero-Scale (wiper contact resistance)
Note that in the zero-scale condition a finite wiper resistance of
60
W is present. Care should be taken to limit the current flow
between W and B in this state to no more than 20 mA to avoid
degradation or possible destruction of the internal switches.
Like the mechanical potentiometer the RDAC replaces, the
AD5260/AD5262 parts are totally symmetrical. The resistance
between the wiper W and terminal A also produces a digitally
controlled complementary resistance RWA. Figure 12 shows the
symmetrical programmability of the various terminal connections.
When RWA is used, the B–terminal can be let floating or tied to the
wiper. Setting the resistance value for RWA starts at a maximum
value of resistance and decreases as the data loaded in the latch
is increased in value. The general equation for this operation is:
RD
D
RR
WA
AB
W
() = - ¥+
256
256
(2)
For example, RAB = 20 k
W, when VA = 0 V and B–terminal is open,
the following output resistance RWA will be set for the following
RDAC latch codes. The result will be the same if terminal B is
tied to W:
DRWA
(DEC)
(
W)Output State
256
60
Full-Scale
128
10060
Mid-Scale
1
19982
1 LSB
0
20060
Zero-Scale
RWB
RWA
RAB = 20K
D – CODE in decimal
20
064
128
192
256
16
12
8
4
0
Figure 12. AD5260/AD5262 Equivalent RDAC Circuit
The typical distribution of the nominal resistance RAB from
channel to channel matches within
±1%. Device-to-device match-
ing is process lot dependent with the worst case of
±30% variation.
On the other hand, since the resistance element is processed in
thin film technology, the change in RAB with temperature has a
low 35 ppm/
∞C temperature coefficient.


Số phần tương tự - AD5262BRU200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5262BRU200 AD-AD5262BRU200 Datasheet
610Kb / 24P
   1-/2-Channel 15 V Digital Potentiometer
REV. A
AD5262BRU200-REEL7 AD-AD5262BRU200-REEL7 Datasheet
610Kb / 24P
   1-/2-Channel 15 V Digital Potentiometer
REV. A
More results

Mô tả tương tự - AD5262BRU200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
   1-/2-Channel 15 V Digital Potentiometer
REV. A
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com