công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADLQM67HDS-B810 bảng dữ liệu(PDF) 1 Page - ADL Embedded Solutions

tên linh kiện ADLQM67HDS-B810
Giải thích chi tiết về linh kiện  Intel Gen2 Core, Celeron 1.6 GHz - 2.5 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADL [ADL Embedded Solutions]
Trang chủ  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLQM67HDS-B810 bảng dữ liệu(HTML) 1 Page - ADL Embedded Solutions

  ADLQM67HDS-B810 Datasheet HTML 1Page - ADL Embedded Solutions ADLQM67HDS-B810 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCI Express 3.5-inch SBC
Data subject to change without notice
.
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
ADLQM67HDS - Intel Gen2 Core, Celeron 1.6 GHz - 2.5 GHz
Item Code
Part #
Description
ADLQM67HDS-2710QE
Intel Core i7 2.1GHz 4C8T, 6M Smart Cache
ADLQM67HDS-2510E
Intel Core i5 2.5GHz 2C4T, 3M Smart Cache
ADLQM67HDS-2330E
Intel Core i3 2.2GHz 2C4T, 3M Smart Cache
ADLQM67HDS-B810
Intel Celeron 1.6GHz, 2C2T, 2M Smart Cache
Memory
DDR3-DRAM4096-1333
DDR3-1333MHz 4GB Standard Temperature
DDR3-DRAM8192-1333
DDR3-1333MHz 8GB Standard Temperature
DDR3-DRAM-4096-1333EX
DDR3-1333MHz 4GB Extended Temperature
DDR3-DRAM8192-1333
DDR3-1333MHz 8GB Standard Temperature
Other memory options available
Options and Accessories
ADL-ET
290000
Extended Temp Screen (-40º to +85º C)
ADLQM67HD-CK
292520
Standard Cable kit for ADLQM67HD
ADLCOM-ISOL1
299941
Galvanically Isolated RS232 COM
ADLCOM-ISOL2
299942
Galvanically Isolated RS485 COM
Thermal Solutions
ADLQM67HDS-SPREADER
Chassis / Bulkhead mount heat spreader for ADLQM67HDS
ADL35-BBHS
294152
Large Heatsink for use with XXXHD(S)-SPREADER
ADL35-LFAN
294154
Large Fan for ADL35-BBHS
ADL35-SOSET
294156
Stand-Off Set for ADL35-BBHS, M3, 6mm, 37mm
The ADLQM67HDS features Intel's latest embedded two-chip platform. This 2nd
generation Intel Core™ processor integrates Intel’s HD Graphics 3000 engine with
AVX (Advanced Vector Extensions) as well as the memory controller functions of a
traditional GMCH. The QM67 Platform Controller Hub (PCH) provides PCI-Express
I/O bandwidth at twice the speed (5Gbps) of previous Intel Core or Core 2 Duo plat-
forms.
The ADLQM67HDS is ideal for mobile and embedded applications where high proc-
essor performance is critical. It brings unparalleled performance to applications such
as radar and sonar processing, image signal processing, tactical command and
control, surveillance and reconnaissance, medical imaging and lab analysis, and
industrial automation.
In addition to the wide range of applications in which the ADLQM67HDS can excel, it
also supports a broad set of features. The ADLQM67HDS has a discrete 8-bit digital
I/O port as well as separate DVI-I and HDMI interfaces. The onboard DVI-I connector
provides signaling for analog VGA, as well as can be configured as an HDMI with
audio. The internal HDMI port can be configured to DVI-D through cabling options.
The ADLQM67HDS also has 4x RS232 COM ports, 4x SATA with RAID 0, 1, 5 and
10 support. Two of the ports support up to SATA 6G while the other two support
SATA 3G. 10x USB2.0 with 4x onboard connectors, two bootable Gigabit Ethernet
LAN, HDA 7.1, and a 2x40-pin PCIE connector that is configurable as one x4 lane or
four x1 lanes of PCI Express for addition of peripherals.
ADL Embedded Solutions offers highly effective active and passive thermal solutions
designed for this product. Contact your sales representative for more information.
Features
Intel® Gen 2 Core™ i3 / i5 / i7, Celeron 1.6 GHz - 2.5 GHz
Supports Celeron, Single, Dual and Quad Core
Up to 16GB DDR3-1333 DRAM SoDIMM204 (8GB x 2)
PCIe 2.0 2x40 pin Bus Connector (One x4 or Four x1)
4x SATA Ports with RAID (2x SATA 6G, 2x SATA 3G)
2x 10/100/1000Mbit Ethernet LAN Port
4x RS232 COM Ports, 10x USB2.0 Ports
Dual Independent Displays
Hardware Monitor with API
ADL-SST (System Sensor Technology)
Watchdog Timer
Windows 7, Windows 7 Embedded Standard, Windows 7 Embed-
ded Compact, XP Embedded
Linux Compatible
7.1 HD Audio with SPDIF In/Out
Separate Onboard DVI / VGA, HDMI / DVI
Discrete 8-bit GPIO Port
4” x 5.8” (102mm x 147mm) 3.5-inch Form Factor
Ordering Information
Description


Số phần tương tự - ADLQM67HDS-B810

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ADL Embedded Solutions
ADLQM67HDS-2510E ADL-ADLQM67HDS-2510E Datasheet
567Kb / 2P
   PCI Express 3.5-inch SBC
ADLQM67HDS-2710QE ADL-ADLQM67HDS-2710QE Datasheet
567Kb / 2P
   PCI Express 3.5-inch SBC
ADLQM67HDS-SPREADER ADL-ADLQM67HDS-SPREADER Datasheet
568Kb / 2P
   PCI Express 3.5-inch SBC
ADLQM67HDS-SPREADER ADL-ADLQM67HDS-SPREADER Datasheet
567Kb / 2P
   PCI Express 3.5-inch SBC
More results

Mô tả tương tự - ADLQM67HDS-B810

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Axiomtek Co., Ltd.
EBOX560-880-FL AXIOMTEK-EBOX560-880-FL Datasheet
133Kb / 1P
   4th Generation Intel Celeron 2980U 1.6 GHz / Core i5 4300U 1.9 GHz Haswell ULT SoC
logo
AAEON Technology
PFM-CVSREV.B AAEON-PFM-CVSREV.B Datasheet
266Kb / 2P
   Intel Atom N2600 Dual Core 1.6 GHz Processor
logo
Intel Corporation
315876-002 INTEL-315876-002 Datasheet
832Kb / 68P
   Intel Celeron Processor 1.66 GHz/1.83 GHz
logo
Axiomtek Co., Ltd.
EBOX530-830-FL AXIOMTEK-EBOX530-830-FL_17 Datasheet
380Kb / 1P
   Intel Atom Cedarview processor N2600 1.6 GHz dual core
EBOX560-512-FL AXIOMTEK-EBOX560-512-FL Datasheet
342Kb / 1P
   Fanless Embedded System with Intel Core i5-7300U 3.5 GHz/Celeron 3965U 2.2 GHz
logo
AAEON Technology
BOXER-6614 AAEON-BOXER-6614 Datasheet
520Kb / 2P
   Fanless Embedded Box PC with Intel® Celeron® N2930 Quad Core 1.83 GHz/ Celeron® N2807 Dual Core 1.58 GHz
2022/09/14
logo
ADL Embedded Solutions
ADLQM67PC-2655LE ADL-ADLQM67PC-2655LE Datasheet
242Kb / 3P
   Intel Core i7, 2.2 GHz
ADLQM67PC-2715QE ADL-ADLQM67PC-2715QE Datasheet
234Kb / 3P
   Intel Core i7 Quad, 2.1 GHz- 3 GHz
logo
Intel Corporation
243658-020 INTEL-243658-020 Datasheet
2Mb / 128P
   Intel Celeron Processor up to 1.10 GHz
logo
Keysight Technologies
M9036A KEYSIGHT-M9036A Datasheet
640Kb / 9P
   Intel Core i5-520E 2.4 GHz
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com