công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE111715XM+H bảng dữ liệu(PDF) 1 Page - ACE Technology Co., LTD.

tên linh kiện ACE111715XM+H
Giải thích chi tiết về linh kiện  1A Positive Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACE [ACE Technology Co., LTD.]
Trang chủ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE111715XM+H bảng dữ liệu(HTML) 1 Page - ACE Technology Co., LTD.

  ACE111715XM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE111715XM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE111715XM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE111715XM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE111715XM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE111715XM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE111715XM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE111715XM+H Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE1117
1A Positive Voltage Regulators
VER 1.4
1
Description
ACE1117 series of high performance low dropout voltage regulators are designed for applications that
require efficient conversion and fast transient response.
In addition, ACE1117 is designed to be stable under conditions where Cin and Cout are not present.
However, it is recommended to include Cin and Cout in the system design as this will speed up the
transient response and increase the PSRR rating.
Features
● Low Dropout Performance.
● Low Quiescent Current: 3mA (Typ.)
● Guaranteed 1A Output Current.
● Wide input Supply Voltage Range.
● Stable operation without Cin and Cout.
● Over-temperature and Over-current Protection
● Fixed or Adjustable Output Voltage.
● Rugged 2KV ESD withstand capability.
Application
● Active SCSI Terminators
● High Efficiency Linear Regulators
● 5V to 3.3V Linear Regulators
● Motherboard Clock Supplies
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage
VIN
9
V
Junction temperature
TJ
-40 to 130
OC
Thermal Resistance Junction to Ambient
θ
JA
60
OC/W
Storage temperature
TS
- 40 to 150
OC
Packaging Type
SOT-223
TO-252
1
2
3
1
2
3
SOT-223 / TO-252
Description
1
ADJ/GND
2
Vout
3
Vin


Số phần tương tự - ACE111715XM+H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ACE Technology Co., LTD...
ACE111715XM+H ACE-ACE111715XM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
More results

Mô tả tương tự - ACE111715XM+H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Global Mixed-mode Techn...
G78MXX GMT-G78MXX Datasheet
78Kb / 1P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
CYT8117 ETC2-CYT8117 Datasheet
1Mb / 6P
   1A Positive Voltage Regulators
logo
E-CMOS Corporation
EC50117E E-CMOS-EC50117E Datasheet
637Kb / 6P
   1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
   1A Positive Voltage Regulators
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
logo
Seaward Electronics Inc...
SE8117B SEAWARD-SE8117B Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
LM7812A FAIRCHILD-LM7812A Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com