công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE705225BN+H bảng dữ liệu(PDF) 7 Page - ACE Technology Co., LTD.

tên linh kiện ACE705225BN+H
Giải thích chi tiết về linh kiện  High efficiency, Low supply current, step-up DC/DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACE [ACE Technology Co., LTD.]
Trang chủ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE705225BN+H bảng dữ liệu(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE705225BN+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 10Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ACE705
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
7
An inductor value of 3uH to 1mH works well in most applications. If DC-DC converter delivers large
output current (for example: output current is great than 50mA), large inductor value is recommended in
order to improve efficiency. If DC-DC must output very large current at low input supply voltage, small
inductor value is recommended.
The ESR of inductor will effect efficiency greatly. Suppose ESR value of inductor is rL,Rload is load
resistor,then the energy can be calculated by following expression:
Δη≈ R
L / Rload (1-D)
2
For example: input 1.5V, output is 3.0V, Rload=20Ω, rL=0.5Ω, The energy loss is 10%.
Consider all above,inductor value of 47uH、ESR<0.5
Ω is recommended in most applications. Large
value is recommended in high efficiency applications and smaller value is recommended
(2)Output Capacitor Selection
Ignore ESR of capacitor,the ripple of output voltage is:
R=ΔVout / Vout=D / Rload Cf
So large value capacitor is needed to reduce ripple. But too large capacitor value will slow down system
reaction and cost will improve. So 100uF capacitor is recommended. Larger capacitor value will be used
in large output current system. If output current is small (<10mA), small value is needed.
Consider ESR of capacitor,ripple will increase:
r'=r+Imax•RESR / Vout
When current is large, ripple caused by ESR will be main factor. It may be greater than 100mV。The ESR
will affects efficiency and increase energy loss. So low-ESR capacitor (for example: tantalum capacitor) is
recommend or connect two or more filter capacitors in parallel.
(3)Diode Selection
Rectifier diode will affects efficiency greatly,Though a common diode (such as 1N4148) will work well for
light load,it will reduce about 5%~10% efficiency for heavy load,For optimum performance, a Schottky
diode (such as 1N5817、1N5819、1N5822) is recommended.
(4)Input Capacitor
If supply voltage is stable, the DC-DC circuit can output low ripple, low noise and stable voltage without
input capacitor. If voltage source is far away from DC-DC circuit, input capacitor value greater than 10uF
is recommended.


Số phần tương tự - ACE705225BN+H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ACE Technology Co., LTD...
ACE705225BN++ ACE-ACE705225BN+ Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
More results

Mô tả tương tự - ACE705225BN+H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1630A AIC-AIC1630A Datasheet
181Kb / 9P
   HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com