công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UF03AFL bảng dữ liệu(PDF) 2 Page - Dc Components

tên linh kiện UF03AFL
Giải thích chi tiết về linh kiện  TECHNICAL SPECIFICATIONS OF ULTRA FAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DCCOM [Dc Components]
Trang chủ  http://www.dccomponents.com
Logo DCCOM - Dc Components

UF03AFL bảng dữ liệu(HTML) 2 Page - Dc Components

  UF03AFL Datasheet HTML 1Page - Dc Components UF03AFL Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (UF03AFL THRU UF03MFL)
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
AMBIENT TEMPERATURE, (OC)
.5
.4
.3
.2
0
0
25
50
75
100
125
150
175
FIG. 2 - MAXIMUM NON-REPETITIVE FOREARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
100
5
10
15
20
25
8.3ms Single Half Sine-Wave
(JEDEC Method)
1
2
4
6
8 10
20
40
60 80
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Pulse Width = 300us
1% Duty Cycle
TJ = 25OC
INSTANTANEOUS FORWARD VOLTAGE, (V)
.01
.1
1.0
10
.4
.6
.8
1.0
1.2
1.4
1.6
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
80
0.01
10
100
1.0
60
20
40
.01
100
120
140
10
TJ= 25oC
TJ= 75oC
TJ= 125oC
.1
UF03F~UF03G
UF03A~UF03D
UF03A~UF03D


Số phần tương tự - UF03AFL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Dc Components
UF05AFL DCCOM-UF05AFL Datasheet
68Kb / 2P
   TECHNICAL SPECIFICATIONS OF ULTRA FAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
UF05MFL DCCOM-UF05MFL Datasheet
68Kb / 2P
   TECHNICAL SPECIFICATIONS OF ULTRA FAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
Shenzhen Taychipst Elec...
UF07A TAYCHIPST-UF07A Datasheet
3Mb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
UF07A LUGUANG-UF07A Datasheet
218Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results

Mô tả tương tự - UF03AFL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Dc Components
UF05AFL DCCOM-UF05AFL Datasheet
68Kb / 2P
   TECHNICAL SPECIFICATIONS OF ULTRA FAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
UF1AFL DCCOM-UF1AFL Datasheet
68Kb / 2P
   TECHNICAL SPECIFICATIONS OF ULTRA FAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
HS05JFL DCCOM-HS05JFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
S1AFL DCCOM-S1AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts
S05AFL DCCOM-S05AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
S03AFL DCCOM-S03AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
S07AFL DCCOM-S07AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
FR1AFL DCCOM-FR1AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
FR03AFL DCCOM-FR03AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
FR05AFL DCCOM-FR05AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com