công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1401N bảng dữ liệu(PDF) 5 Page - Transcom, Inc.

tên linh kiện TC1401N
Giải thích chi tiết về linh kiện  0.5 W High Linearity and High Efficiency GaAs Power FETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRANSCOM [Transcom, Inc.]
Trang chủ  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1401N bảng dữ liệu(HTML) 5 Page - Transcom, Inc.

  TC1401N Datasheet HTML 1Page - Transcom, Inc. TC1401N Datasheet HTML 2Page - Transcom, Inc. TC1401N Datasheet HTML 3Page - Transcom, Inc. TC1401N Datasheet HTML 4Page - Transcom, Inc. TC1401N Datasheet HTML 5Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TC1401N
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
5 / 5
Cgs
Cgd
Cds
Rg
Rd
Rdb
Ris
Rs
Id
Lg
Ld
Ls
Cbs
Rid
SMALL SIGNAL MODEL, VDS = 8 V, IDS = 120 mA
SCHEMATI
Cgs
Cgd
Cds
Rg
Rd
Rds
Ri
Rs
Gm
T
Lg
Ld
Ls
PARAMETERS
Lg
0.071 nH
Rs
1.68 Ohm
Rg
1.27 Ohm
Ls
0.013 nH
Cgs
2.36 pF
Cds
0.297 pF
Ri
2.01 Ohm
Rds
103.7 Ohm
Cgd
0.069 pF
Rd
1.75 Ohm
Gm
253 mS
Ld
0.013 nH
T
3.9 psec
LARGE SIGNAL MODEL, VDS = 8 V, IDS = 120 mA
SCHEMATI
TOM2 MODEL PARAMETERS
VTO
-1.812 V
VMAX
0.5 V
ALPHA
14.13
CGD
0.0691 pF
BETA
0.354
CGS
3.9867 pF
GAMMA
0.0228
CDS
0.278 pF
DELTA
0.1565
RIS
2.005 Ohm
Q
0.88
RID
0.0001 Ohm
NG
0.1
VBR
15 V
ND
0.01
RDB
119.667 Ohm
TAU
3.9 ps
CBS
4.7433 pF
RG
1.2733 Ohm TNOM
25
°C
RD
1.32 Ohm LS
0.0131 nH
RS
1.675 Ohm LG
0.0715 nH
IS
1E-11 mA
LD
0.013 nH
N
1
AFAC
1
VBI
1 V
NFING
1
VDELTA
0.2 V
CHIP HANDLING
DIE ATTACHMENT: Conductive epoxy or eutectic die attach is recommended. Eutectic die attach can be
accomplished with Au-Sn (80%Au-20%Sn) perform at stage temperature: 290
°C ± 5°C; Handling Tool: Tweezers;
Time: less than 1min.
WIRE BONDING: The recommended wire bond method is thermocompression bonding with 0.7 to 1.0 mil
(0.018 to 0.025 mm) gold wire. Stage temperature: 220
°C to 250°C; Bond Tip Temperature: 150°C; Bond Force:
20 to 30 gms depending on size of wire and Bond Tip Temperature.
HANDLING PRECAUTIONS: The user must operate in a clean, dry environment. Care should be exercised
during handling avoid damage to the devices. Electrostatic Discharge (ESD) precautions should be observed at all
stages of storage, handling, assembly, and testing. The static discharge must be less than 300V.


Số phần tương tự - TC1401N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcom, Inc.
TC1401 TRANSCOM-TC1401 Datasheet
159Kb / 4P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
More results

Mô tả tương tự - TC1401N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transcom, Inc.
TC1401 TRANSCOM-TC1401 Datasheet
159Kb / 4P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
TC1601 TRANSCOM-TC1601 Datasheet
108Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1504N TRANSCOM-TC1504N Datasheet
186Kb / 6P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com