công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD22050N bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD22050N
Giải thích chi tiết về linh kiện  Single-Supply Sensor Interface Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD22050N bảng dữ liệu(HTML) 7 Page - Analog Devices

  AD22050N Datasheet HTML 1Page - Analog Devices AD22050N Datasheet HTML 2Page - Analog Devices AD22050N Datasheet HTML 3Page - Analog Devices AD22050N Datasheet HTML 4Page - Analog Devices AD22050N Datasheet HTML 5Page - Analog Devices AD22050N Datasheet HTML 6Page - Analog Devices AD22050N Datasheet HTML 7Page - Analog Devices AD22050N Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD22050
–7–
REV. C
network helps to absorb the additional charge, effectively lower-
ing the high frequency output impedance of the AD22050. For
these applications the output signal should be taken from the
midpoint of the RLAG–CLAG combination as shown in Figure 15.
Since the perturbations from the analog-to-digital converter are
small, the output of the AD22050 will appear to be a low
impedance. The transient response will, therefore, have a
time constant governed by the product of the two lag compo-
nents, CLAG
× R
LAG. For the values shown in Figure 15, this
time constant is programmed at approximately 10
µs. There-
fore, if samples are taken at several tens of microseconds or more,
there will be negligible “stacking up” of the charge injections.
10k
+VS
10k
LOAD
AD22050
A2
RLAG
CLAG
RL
CL
Figure 14. Using an R-C Network for Compensation
0.01 F
1k
10k
+VS
10k
AD22050
A2
PROCESSOR
A/D
IN
Figure 15. Recommended Circuit for Driving CMOS A/D
Converters
UNDERSTANDING THE AD22050
Figure 16 shows the main elements of the AD22050. The signal
inputs at Pins 1 and 8 are first applied to dual resistive attenua-
tors R1 through R4, whose purpose is to reduce the common-
mode voltage at the input to the preamplifier. The attenuated
signal is then applied to a feedback amplifier based on the very
low drift op amp, A1. The differential voltage across the inputs
is accurately amplified in the presence of common-mode volt-
ages of many times the supply voltage. The overall common-
mode response is minimized by precise laser trimming of R3
and R4, giving the AD22050 a common-mode rejection ratio
(CMRR) of at least 80 dB (10,000:1).
The common-mode range of A1 extends from slightly below
ground to 1 V below +VS (at the minimum temperature of
–40
°C). Since an attenuation ratio of about 6 is used, the input
common-mode range is –1 V to +24 V using a +5 V supply.
Small filter capacitors C1 and C2 are included to minimize the
effects of spurious RF signals at the inputs, which might cause
dc errors due to the rectification effects at the input to A1. At
high frequencies, even a small imbalance in these components
would seriously degrade the CMRR, so a special high frequency
trim is also carried out during manufacture.
APPLICATION HINTS
Frequency Compensation
As are all closed-loop op amp circuits, the AD22050 is sensi-
tive to capacitive loading at its output. However, the AD22050
is sensitive at higher output voltages due to nonlinear effects in
the rail-to-rail design of the buffer amplifier (A2). In this
amplifier the output stage gain increases with increasing output
voltage. This behavior does not affect dc parameters such as
gain accuracy or linearity; however, it can compromise ac sta-
bility. When operating from a power supply of 5 V or less (and,
therefore, VOUT < 5 V), the AD22050 can drive capacitive
loads up to 25 pF with no external components. When operat-
ing at higher supply voltages (which are associated with higher
output voltages) and/or driving larger capacitive loads, an ex-
ternal compensation network should be used. Figure 14 shows
an R-C “snubber” circuit loading the output of the AD22050.
This combination, in conjunction with the internal 20 k
Ω resis-
tance, forms a lag network. This network attenuates the open-
loop gain of the amplifier at higher frequencies. The ratio of
RLAG to the load seen by the AD22050 determines the high
frequency attenuation seen by the op amp. If RLAG is made 1/
20th of the total load resistance (
≈20 kΩ R
L), then 26 dB of
attenuation is obtained at higher frequencies. The capacitor
(CLAG) is used to control the frequency of the compensation
network. It should be set to form a 5
µs time constant with the
resistor (RLAG). Table I shows the recommended values of
RLAG and CLAG for various values of external load resistor RL.
Ten percent tolerance on these components is acceptable.
Alternatively, the signal may be taken from the midpoint of
RLAG–CLAG. This output is particularly useful when driving
CMOS analog-to-digital converters. For more information see
the section Driving Charged Redistributed A/D Converters.
Note that when implementing this network large signal re-
sponse is compromised. This occurs because there is no active
pull-down and the lag capacitor must discharge through the
internal feedback resistor (20 k
Ω) giving a fairly long-time
constant. For example if CLAG = 0.01
µF, the large signal nega-
tive slew characteristic is a decaying exponential with a time
constant of
≈200 µs.
Table I. Compensation Components vs. External Load
Resistor
RL
RLAG
CLAG
>100 k
470
0.01
µF
> 50 k
390
0.01
µF
> 20 k
270
0.047
µF
> 10 k
200
0.047
µF
> 5 k
100
0.1
µF
> 2 k
47
0.22
µF
Driving Charge Redistribution A/D Converters
When driving CMOS ADCs, such as those embedded in popu-
lar microcontrollers, the charge injection (
∆Q) can cause a
significant deflection in the AD22050 output voltage. Though
generally of short duration, this deflection may persist until
after the sample period of the ADC has expired. It is due to the
relatively high open-loop output impedance of the AD22050.
The effect can be significantly reduced by including the same
R-C network recommended for improving stability (see Fre-
quency Compensation section). The large capacitor in the lag


Số phần tương tự - AD22050N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD22050N AD-AD22050N Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
More results

Mô tả tương tự - AD22050N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD22057 AD-AD22057_17 Datasheet
166Kb / 9P
   Single-Supply Sensor Interface Amplifier
AD22050RZ AD-AD22050RZ Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22057RZ AD-AD22057RZ Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057_15 Datasheet
196Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057 Datasheet
192Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050 AD-AD22050_15 Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
logo
Texas Instruments
PGA308 TI-PGA308 Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
logo
National Semiconductor ...
LM1964 NSC-LM1964 Datasheet
232Kb / 4P
   SENSOR INTERFACE AMPLIFIER
logo
Texas Instruments
LM9044 TI-LM9044_15 Datasheet
320Kb / 14P
[Old version datasheet]   Lambda Sensor Interface Amplifier
logo
National Semiconductor ...
LM9044 NSC-LM9044 Datasheet
125Kb / 6P
   LM9044 Lambda Sensor Interface Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com