công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5400 bảng dữ liệu(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

tên linh kiện 1N5400
Giải thích chi tiết về linh kiện  3.0 AMP. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Trang chủ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N5400 bảng dữ liệu(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N5400 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5400 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
DO-201AD
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 1.2 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol 1N
5400
1N
5401
1N
5402
1N
5404
1N
5406
1N
5407
1N
5408
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 75
oC
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
200
A
Rating for Fusing (t<8.3ms)
I2t
166
A2s
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.0
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
100
uA
uA
Maximum Full Load Reverse Current, Full
Cycle Average .375”(9.5mm) Lead Length
@TL=75
oC
HTIR
30
uA
Typical Junction Capacitance ( Note 1 )
Cj
50
pF
Typical Thermal Resistance ( Note 2 )
RθJA
40
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
2. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
1N5400-1N5408
3.0 AMP. Silicon Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Số phần tương tự - 1N5400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Diotec Semiconductor
1N5400 DIOTEC-1N5400 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
logo
SAMYANG ELECTRONICS CO....
1N5400 SAMYANG-1N5400 Datasheet
457Kb / 2P
   PLASTIC SILICON RECTIFIER
More results

Mô tả tương tự - 1N5400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Yixinwei Techn...
1N5408 YIXIN-1N5408 Datasheet
276Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
UNIOHM CORPORATION
1N5400 UNIOHM-1N5400 Datasheet
66Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
1N5400 GWSEMI-1N5400 Datasheet
65Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
BY251 LUGUANG-BY251 Datasheet
179Kb / 2P
   3.0 AMP. Silicon Rectifiers
logo
Bytes
1N5400 BYTES-1N5400 Datasheet
151Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
1N5400 SECOS-1N5400_15 Datasheet
259Kb / 2P
   3.0 AMP Silicon Rectifiers
logo
Nanjing International G...
1N5400 DGNJDZ-1N5400 Datasheet
240Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Formosa MS
1N5400 FORMOSA-1N5400 Datasheet
32Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Bytes
BY251 BYTES-BY251 Datasheet
150Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
1N5400 LUGUANG-1N5400_17 Datasheet
1Mb / 2P
   3.0 AMP. Silicon Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com