công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJ14001 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MJ14001
Giải thích chi tiết về linh kiện  60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ14001 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MJ14001 Datasheet HTML 1Page - Motorola, Inc MJ14001 Datasheet HTML 2Page - Motorola, Inc MJ14001 Datasheet HTML 3Page - Motorola, Inc MJ14001 Datasheet HTML 4Page - Motorola, Inc MJ14001 Datasheet HTML 5Page - Motorola, Inc MJ14001 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
High-Current Complementary
Silicon Power Transistors
. . . designed for use in high–power amplifier and switching circuit applications,
• High Current Capability — IC Continuous = 60 Amperes
• DC Current Gain — hFE = 15–100 @ IC = 50 Adc
• Low Collector–Emitter Saturation Voltage —
VCE(sat) = 2.5 Vdc (Max) @ IC = 50 Adc
MAXIMUM RATINGS
Rating
Symbol
MJ14001
MJ14002
MJ14003
Unit
Collector–Emitter Voltage
VCEO
60
80
Vdc
Collector Base Voltage
VCBO
60
80
Vdc
Emitter–Base Voltage
VEBO
5
Vdc
Collector Current — Continuous
IC
60
Adc
Base Current — Continuous
IB
15
Adc
Emitter Current — Continuous
IE
75
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
300
17
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.584
_C/W
150
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
40
80
120
240
360
90
210
0
160
200
0
30
270
330
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ14001/D
© Motorola, Inc. 1995
MJ14002
MJ14001
MJ14003
*Motorola Preferred Device
60 AMPERES
COMPLEMENTARY
SILICON
POWER TRANSITORS
60 – 80 VOLTS
300 WATTS
*
NPN
PNP
*
CASE 197A–05
TO–204AE (TO–3)
REV 2


Số phần tương tự - MJ14001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJ14001 ONSEMI-MJ14001 Datasheet
241Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSITORS
1995 REV 2
MJ14001 ONSEMI-MJ14001 Datasheet
96Kb / 5P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJ14001 NJSEMI-MJ14001 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ14001G ONSEMI-MJ14001G Datasheet
96Kb / 5P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
MJ14001 ONSEMI-MJ14001_05 Datasheet
96Kb / 5P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
More results

Mô tả tương tự - MJ14001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJE171 ONSEMI-MJE171_06 Datasheet
83Kb / 6P
   Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
logo
Motorola, Inc
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
   3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
logo
ON Semiconductor
2N6487 ONSEMI-2N6487_11 Datasheet
148Kb / 6P
   Complementary Silicon Plastic Power Transistors 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
logo
Central Semiconductor C...
MJE240 CENTRAL-MJE240_15 Datasheet
80Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
2N4123 CENTRAL-2N4123_15 Datasheet
84Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
logo
Motorola, Inc
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
logo
ON Semiconductor
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com