công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD1958 bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
AD1958 bảng dữ liệu(HTML) 4 Page - Analog Devices |
4 / 8 page REV. 0 AD1958 –4– ABSOLUTE MAXIMUM RATINGS * DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V AVDD to DGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V Digital Inputs . . . . . . . . . . DGND – 0.3 V to DVDD + 0.3 V Analog Inputs . . . . . . . . . . AGND – 0.3 V to AVDD + 0.3 V AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to + 0.3 V Reference Voltage . . . . . . . . . . . . . . . . . . . . . (AVDD + 0.3)/2 Soldering (10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 °C *Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time. PACKAGE CHARACTERISTICS Min Typ Max Unit JA (Thermal Resistance) 109.0 °C/W Junction-to-Ambient (2-Layer Board) JA (Thermal Resistance) 78.58 °C/W Junction-to-Ambient (4-Layer Board— 2 Signal, 2 Planes) JA (Thermal Resistance) Junction-to-Case 39.0 °C/W PIN CONFIGURATION TOP VIEW (Not to Scale) 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 AD1958 XIN XOUT MCLK SCLK2 SCLK1 SCLK0 DGND CCLK CLATCH RESET LRCLK DVDD SDATA BCLK PVDD PGND LF0 LF1 AGND0 OUTR FLTR CDATA MUTE ZERO FILTB AGND1 OUTL AVDD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD1958 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE ORDERING GUIDE Model Temperature Package Description Package Option AD1958YRS –40 °C to +105 °C 28-Lead Small Outline Package RS-28 AD1958YRSRL –40 °C to +105 °C 28-Lead Small Outline Package RS-28 on 13" Reels EVAL-AD1958EB Evaluation Board |
Số phần tương tự - AD1958 |
|
Mô tả tương tự - AD1958 |