công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1955YRS bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD1955YRS
Giải thích chi tiết về linh kiện  High Performance Multibit DAC with SACD Playback
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1955YRS bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD1955YRS Datasheet HTML 2Page - Analog Devices AD1955YRS Datasheet HTML 3Page - Analog Devices AD1955YRS Datasheet HTML 4Page - Analog Devices AD1955YRS Datasheet HTML 5Page - Analog Devices AD1955YRS Datasheet HTML 6Page - Analog Devices AD1955YRS Datasheet HTML 7Page - Analog Devices AD1955YRS Datasheet HTML 8Page - Analog Devices AD1955YRS Datasheet HTML 9Page - Analog Devices AD1955YRS Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AD1955
Rev. PrF
-9-
PRELIMINARY TECHNICAL DATA
Audio Outputs
The AD1955 audio outputs sink a current proportional to the input signal, superimposed on a steady state current. The current-to-
voltage (I/V) converters used need to be able to supply this steady state current as well as the signal current or a resistor or current
source can be used to a positive voltage to null this current to center the range of the I/V converters. Active I/V converters should be
used, referenced to FILTR, and should hold the DAC outputs at this voltage level. Passive I/V conversion should not be used as the
DAC performance will be seriously degraded.
Serial Control Port
The AD1955 has an SPI compatible control port to permit programming the internal control registers. The SPI control port is a three
wire serial port. Its format is similar to the Motorola SPI format except that the input data word is 16-bits wide. The serial bit clock
may be completely asynchronous to the sample rate of the DAC. The following figure shows the format of the SPI signal. Note that
the CCLK may be continuous or a 16-clock burst.
SPI REGISTER DEFINITIONS
Table 1: DAC Control Register 0
Bit 13: 12
Bit 11: 10
Bit 9:8
Bit 7:6
Bit 5: 4
Bit 3: 2
Bit 1: 0
Data format
Output Format
PCM Sample Rate
De-Emphasis
Curve Select
PCM/ EF Serial
Data Format
PCM/ EF Serial
Data Width
SPI Register
Address
00 : PCM
01 : Ext. DF
10 : SACD Slave
11 : SACD
Master
00 : Stereo
01 : Not
Allowed
10 : Mono Left
11 : Mono Right
00 : 48kHz
01 : 96kHz
10 : 192kHz
11 : Rsvd
00 : None
01 : 44.1kHz
10 : 32kHz
11 : 48kHz
00 : I2S
01 : Right-Just
10 : DSP
11 : LEFT-Just
00 : 24Bits
01 : 20Bits
10 : 18Bits
11 : 16Bits
00
Bit 15
Bit 14
Power Down
Mute
0 : Operation
1 : Powered
Down
0 : Not Muted
1 : Muted
Note: 0 = Default Setting
Table 2: DAC Control Register 1
Bits 10:9
Bit 8
Bit 7
Bit 6
Bit 5:4
Bit 3
Bit 2
Bit 1: 0
MCLK
Mode
Zero Flag
Polarity
SACD Bit Rate
SACD Mode
SACD Phase
Select
SACD Bit
Inversion
SACD BCLK to
MCLK Phase
SPI Register
Address
00 : 256fs
01 : 512fs
10 : 768fs
11 : 384fs
0 : Active high
1: Active low
0 : 8fs / 64fs
1 : 4fs / 128fs
0 : Normal
1 : Phase Mode
00 : Phase 0
01 : Phase 1
10 : Phase 2
11 : Phase 3
0 : Normal
1 : Inverted
0 : Rising edge
1 : Falling edge
01
Note: 0 = Default Setting
Table 3: DAC Volume Registers
Note: Default = full volume
Bit 15: 2
Bit 1: 0
Volume
SPI Register Address
14bit, Unsigned
10 = Left Volume
14bit, Unsigned
11 = Right Volume
D0
D15
D14
CLATCH
CCLK
CDATA


Số phần tương tự - AD1955YRS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1955ARS AD-AD1955ARS Datasheet
903Kb / 24P
   High Performance Multibit with SACD Playback
REV. 0
AD1955ARSRL AD-AD1955ARSRL Datasheet
903Kb / 24P
   High Performance Multibit with SACD Playback
REV. 0
AD1955ARSZ AD-AD1955ARSZ Datasheet
903Kb / 24P
   High Performance Multibit with SACD Playback
REV. 0
More results

Mô tả tương tự - AD1955YRS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
EVAL-AD1955EB AD-EVAL-AD1955EB Datasheet
903Kb / 24P
   High Performance Multibit - DAC with SACD Playback
REV. 0
AD1955ARSZ AD-AD1955ARSZ Datasheet
903Kb / 24P
   High Performance Multibit with SACD Playback
REV. 0
AD1958 AD-AD1958 Datasheet
135Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959 Datasheet
107Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com