công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1892JR bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD1892JR
Giải thích chi tiết về linh kiện  Integrated Digital Receiver/Rate Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1892JR bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD1892JR Datasheet HTML 5Page - Analog Devices AD1892JR Datasheet HTML 6Page - Analog Devices AD1892JR Datasheet HTML 7Page - Analog Devices AD1892JR Datasheet HTML 8Page - Analog Devices AD1892JR Datasheet HTML 9Page - Analog Devices AD1892JR Datasheet HTML 10Page - Analog Devices AD1892JR Datasheet HTML 11Page - Analog Devices AD1892JR Datasheet HTML 12Page - Analog Devices AD1892JR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD1892
REV. 0
–9–
As noted above, the Channel Status bit from each subframe
accumulates over a 192 subframe period. The standards allow for
the Channel Status bit in each subframe to be independent, but
ordinarily the Channel Status bit in the two subframes of each
frame are the same. The Channel Status bits are defined
VALIDITY
USER DATA
CHANNEL STATUS DATA
EVEN PARITY BIT
MSB
AUDIO DATA
V
U
C
P
27 28 29 30 31
LSB
AUX DATA
PREAMBLE
8
7
4
3
0
A0
B0
A1
B1
A2
B2
(EXPANDED)
A = LEFT CHANNEL
B = RIGHT CHANNEL
(EXPANDED)
A0 B0 A1 B1 A2 B2 A3 B3 A4 B4 A5 B5 A6 B6 A7 B7 A8 B8
A188 B188 A189 B189 A190 B190 A191 B191
SUBFRAME
FRAME
CHANNEL STATUS BLOCK (384 AUDIO SAMPLES)
192 LEFT, 192 RIGHT
Figure 5. Block, Frame and Subframe Organization
RESERVED
7
EMPHASIS
AUDIO
PRO = 0
BYTE 0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
7
15
23
31
39
191
BLOCK
BIT
6
5
4
3
2
1
BIT 0
CATEGORY CODE
SOURCE NUMBER
RESERVED
FS
MODE
COPY
L
CHANNEL NUMBER
CLOCK ACCURACY
Figure 6. Consumer Channel Status Block Structure
differently for the consumer audio standards and the profes-
sional audio standards. The 192 Channel Status bits are
organized into 24 bytes and have the interpretations shown in
Figures 6 through 16.
7
EMPHASIS
LOCK
FS
AUDIO
PRO = 1
BYTE 0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
7
15
23
31
39
47
55
87
119
151
183
191
BLOCK
BIT
6
5
4
3
2
1
BIT 0
CHANNEL MODE
USER BIT MANAGEMENT
RESERVED
WORD LENGTH
AUX USE
RESERVED
RESERVED
REFERENCE
RESERVED
ALPHANUMERIC CHANNEL ORIGIN DATA
ALPHANUMERIC CHANNEL DESTINATION DATA
LOCAL SAMPLE ADDRESS CODE
(32-BIT BINARY)
TIME OF DAY CODE
(32-BIT BINARY)
RESERVED
RELIABILITY FLAGS
CYCLIC REDUNDANCY CHECK CHARACTER
Figure 7. Professional Channel Status Block Structure


Số phần tương tự - AD1892JR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890JN AD-AD1890JN Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890JP AD-AD1890JP Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results

Mô tả tương tự - AD1892JR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Asahi Kasei Microsystem...
AKD4127-A AKM-AKD4127-A Datasheet
221Kb / 20P
   digital sample rate converter.
AKD4125-A AKM-AKD4125-A Datasheet
206Kb / 20P
   digital sample rate converter.
AKD4126-A AKM-AKD4126-A Datasheet
908Kb / 29P
   digital sample rate converter.
logo
Cirrus Logic
CS8420 CIRRUS-CS8420_07 Datasheet
1Mb / 94P
   DIGITAL AUDIO SAMPLE RATE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com