công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1890JN bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD1890JN
Giải thích chi tiết về linh kiện  SamplePort Stereo Asynchronous Sample Rate Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1890JN bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD1890JN Datasheet HTML 1Page - Analog Devices AD1890JN Datasheet HTML 2Page - Analog Devices AD1890JN Datasheet HTML 3Page - Analog Devices AD1890JN Datasheet HTML 4Page - Analog Devices AD1890JN Datasheet HTML 5Page - Analog Devices AD1890JN Datasheet HTML 6Page - Analog Devices AD1890JN Datasheet HTML 7Page - Analog Devices AD1890JN Datasheet HTML 8Page - Analog Devices AD1890JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD1890/AD1891
REV. 0
–5–
AD1890/AD1891 PIN LIST
Serial Input Interface
Pin Name Number
I/O
Description
DATA_I
3
I
Serial input, MSB first, containing two channels of 4- to 20-bits of twos-complement data per
channel. AD1891 ONLY: Maximum of 16 data bits per channel; additional bits ignored.
BCLK_I
4
I
Bit clock input for input data.
WCLK_I
5
I
Word clock input for input data. This input is rising edge sensitive. (Not required in LR input data
clock triggered mode [TRGLR_I = HI].)
LR_I
6
I
Left/right clock input for input data. Must run continuously.
Serial Output Interface
Pin Name Number
I/O
Description
DATA_O
23
O
Serial output, MSB first, containing two channels of 4- to 24-bits of twos-complement data per
channel.
BCLK_O
26
I
Bit clock input for output data.
WCLK_O
25
I
Word clock input for output data. This input is rising edge sensitive. (Not required in LR output
data clock triggered mode [TRGLR_O = HI].)
LR_O
24
I
Left/right clock input for output data. Must run continuously.
Input Control Signals
Pin Name Number
I/O
Description
BKPOL_I
10
I
Bit clock polarity. LO: Normal mode. Input data is sampled on rising edges of BCLK_I. HI:
Inverted mode. Input data is sampled on falling edges of BCLK_I.
TRGLR_I
11
I
Trigger on LR_I. HI: Changes in LR_I indicate beginning
1 of valid input data. LO: Rising edge of
WCLK_I indicates beginning of valid input data.
MSBDLY_I 12
I
MSB delay. HI: Input data is delayed one BCLK_I after either LR_I (TRGLR_I = HI) or WCLK_I
(TRGLR_I = LO) indicates the beginning of valid input data. Included for I
2S data format
compatibility. LO: No delay.
NOTE
1The beginning of valid data will be delayed by one BLCK_I if MSBDEL_I is selected (HI).
Group Delay
Intuitively, the time interval required for a full-level input pulse
to appear at the converter’s output, at full level, expressed in
milliseconds (ms). More precisely, the derivative of radian phase
with respect to radian frequency at a given frequency.
Transport Delay
The time interval between when an impulse is applied to the
converters input and when the output starts to be affected by
this impulse, expressed in milliseconds (ms). Transport delay is
independent of frequency.
DEFINITIONS
Dynamic Range
The ratio of a near full-scale input signal to the integrated noise
in the passband (0 to
≈20 kHz), expressed in decibels (dB). Dy-
namic range is measured with a –60 dB input signal and
“60 dB” arithmetically added to the result.
Total Harmonic Distortion + Noise
Total Harmonic Distortion plus Noise (THD+N) is defined as
the ratio of the square root of the sum of the squares of the val-
ues of the harmonics and noise to the rms value of a sinusoidal
input signal. It is usually expressed in percent (%) or decibels.
Interchannel Phase Deviation
Difference in input sampling times between stereo channels, ex-
pressed as a phase difference in degrees between 1 kHz inputs.


Số phần tương tự - AD1890JN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results

Mô tả tương tự - AD1890JN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com