công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA1776M bảng dữ liệu(PDF) 5 Page - Sanyo Semicon Device

tên linh kiện LA1776M
Giải thích chi tiết về linh kiện  Single-Chip Tuner IC for Car Radios
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1776M bảng dữ liệu(HTML) 5 Page - Sanyo Semicon Device

  LA1776M Datasheet HTML 1Page - Sanyo Semicon Device LA1776M Datasheet HTML 2Page - Sanyo Semicon Device LA1776M Datasheet HTML 3Page - Sanyo Semicon Device LA1776M Datasheet HTML 4Page - Sanyo Semicon Device LA1776M Datasheet HTML 5Page - Sanyo Semicon Device LA1776M Datasheet HTML 6Page - Sanyo Semicon Device LA1776M Datasheet HTML 7Page - Sanyo Semicon Device LA1776M Datasheet HTML 8Page - Sanyo Semicon Device LA1776M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
No.8085-5/41
LA1776M
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
[AM Characteristics] AM ANT input
Practical sensitivity
S/N-30
1 MHz, 30 dBµ, fm = 1 kHz, 30% modulation, pin 15
20
dB
Detector output
VO-AM
1 MHz, 74 dBµ, fm = 1 kHz, 30% modulation, pin 15
140
210
280
mVrms
Pin 31 detector output
VO-AM31
1 MHz, 74 dBµ, fm = 1 kHz, 30% modulation, pin 31
130
190
260
mVms
AGC F.O.M.
VAGC-FOM
1 MHz, 74 dBµ, referenced to the output, the input amplitude
51
56
61
dB
such that the output falls by 10 dB. Pin 15
Signal-to-noise ratio
S/N-AM
1 MHz, 74 dBµ, fm = 1 kHz, 30% modulation
50
56
dB
Total harmonic distortion
THD-AM
1 MHz, 74 dBµ, fm = 1 kHz, 80% modulation
0.3
1
%
Signal meter output
VSM AM-1
No input
0.0
0.1
0.5
V
VSM AM-2
1 MHz, 130 dBµ, unmodulated
3.9
4.9
6.8
V
Oscillator buffer output
VOSCBUFF AM
No input, the pin 15 output
185
230
mVrms
Wide band AGC sensitivity
W-AGCsen1
1.4 MHz, the input when V48 = 0.7 V
89
95
101
dBµ
W-AGCsen2
1.4 MHz, the input when V48 = 0.7 V (seek mode)
80
86
92
dBµ
SD sensitivity
SD-sen1 AM
1 MHz, the ANT input level such that the IF counter output turns on.
24
30
36
dBµ
SD-sen2 AM
1 MHz, the ANT input level such that the SD pin goes to the on state.
24
30
36
dBµ
IF buffer output
VIFBUFF-AM
1 MHz, 74 dBµ, unmodulated. The pin 23 output
180
220
mVrms
Note: These measurements must be made using the either the IC-51-0644-692 IC socket (manufactured by Yamaichi Electronics).
* 1. When the resistor between pin 58 and ground is 200 k
Ω.
* 2. When the resistor between pin 58 and ground is 30 k
Ω.
Package Dimensions
Unit:mm
3159A
Continued from preceding page.
Mounted on a 40
× 18 × 1.3 mm3
glass epoxy printed circuit board
Ambient temperature, Ta – ºC


Số phần tương tự - LA1776M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
More results

Mô tả tương tự - LA1776M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
   SINGLE-CHIP TUNER IC FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M_09 Datasheet
600Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com