công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1862 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD1862
Giải thích chi tiết về linh kiện  Ultralow Noise 20-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1862 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD1862 Datasheet HTML 2Page - Analog Devices AD1862 Datasheet HTML 3Page - Analog Devices AD1862 Datasheet HTML 4Page - Analog Devices AD1862 Datasheet HTML 5Page - Analog Devices AD1862 Datasheet HTML 6Page - Analog Devices AD1862 Datasheet HTML 7Page - Analog Devices AD1862 Datasheet HTML 8Page - Analog Devices AD1862 Datasheet HTML 9Page - Analog Devices AD1862 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD1862
–6–
REV. A
Analog Circuit Considerations
GROUNDING RECOMMENDATIONS
The AD1862 has two ground pins, designated analog ground
(AGND) and digital ground (DGND). The analog ground pin
is the “high-quality” ground reference for the device. The ana-
log ground pin should be connected to the analog common
point in the system. The reference bypass capacitor, the nonin-
verting terminal of the current-to-voltage conversion op amp,
and any output loads should be connected to this point. The
digital ground pin returns ground current from the digital logic
portions of the AD1862 circuitry. This pin should be connected
to the digital common point in the system.
As illustrated in Figure 7, AGND and DGND should be con-
nected together at one point in the system.
AD1862
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
DGND
AGND
Figure 7. Grounding and Bypassing Recommendations
POWER SUPPLIES AND DECOUPLING
The AD1862 has four power supply input pins.
±V
S provide the
supply voltages which operate the linear portions of the DAC in-
cluding the voltage reference and control amplifier. The
±V
S
supplies are designed to operate with
±12 volts.
The
±V
L supplies operate the digital portions of the chip includ-
ing the input shift register, the input latching circuitry and the
TTL-to-CMOS level shifters. The
±V
L supplies are designed to
be operated from
±5 V to ±12 V supplies subject only to the
limitation that –VL may not be more negative than –VS.
Decoupling capacitors should be used on all power supply input
pins. Good engineering practice suggests that these capacitors
be placed as close as possible to the package pins and the com-
mon points. The logic supplies,
±V
L, should be decoupled to
DGND and the analog supplies,
±V
S, should be decoupled to
AGND.
EXTERNAL NOISE REDUCTION COMPONENTS
Two external capacitors are required to achieve low-noise opera-
tion. Their correct connection is illustrated in Figure 8. Capacitor
C1 is connected between the pin labeled NR1 and analog com-
mon. C1 forms a low-pass filter element which reduces noise con-
tributed by the voltage reference circuitry. The proper choice for
this capacitor is a tantalum type with value of 10
µF or more. This
capacitor should be connected to the package pins as closely as
possible. This will minimize the effects of parasitic inductance of
the leads and connections circuit connections.
–12V
ANALOG
SUPPLY
C2
C1
AD1862
TOP VIEW
(Not to
Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
+
+
NOTE:
PIN 1 IS "HIGH QUALITY" RETURN
FOR BIAS CAP.
Figure 8. Noise Reduction Capacitors
Capacitor C2 is connected between the pin labeled NR2 and the
negative analog supply, –VS. This capacitor reduces the portion
of output noise contributed by the control amplifier circuitry.
C2 should be chosen to be a tantalum capacitor with a value of
about 1
µF. Again, the connections between the AD1862 and
C2 should be made as short as possible.
The recommended values for C1 and C2 are 10
µF and 1 µF,
respectively. The ratio between C1 and C2 should be approxi-
mately 10. Additional noise reduction can be gained by choos-
ing slightly higher values for C1 and C2 such as 22
µF and
2.2
µF. Figure 2 illustrates the noise performance of the
AD1862 with 10
µF and 1 µF.
EXTERNAL AMPLIFIER CONNECTIONS
The AD1862 is a current-output D/A converter. Therefore, an
external amplifier, in combination with the on-board feedback
resistor, is required to derive an output voltage. Figure 9 illus-
trates the proper connections for an external operational ampli-
fier. The output of the AD1862 is intended to drive the
summing junction of an external current-to-voltage conversion
op amp. Therefore, the voltage on the output current pin of the
AD1862 should be approximately the same as that on the
AGND pin of the device.
The on-board 3 k
Ω feedback resistor and the ±1 mA output
current typically have
±1% tolerance or less. This makes the
choice of external components very simple and eliminates addi-
tional trimming. For example, if a user wishes to derive an out-
put voltage higher than the
±3 V swing offered by the output
current and feedback resistor combination, all that is required is
to combine a standard value resistor with the feedback resistor
to achieve the appropriate output voltage swing. This technique
can be extended to include the choice of elements in the
deemphasis network, etc.


Số phần tương tự - AD1862

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1862 AD-AD1862_15 Datasheet
141Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
More results

Mô tả tương tự - AD1862

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1862 AD-AD1862_15 Datasheet
141Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
   32-bit Hyperstream??Audio DAC
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
   Reference 32-bit Audio DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
ESS Technology,Inc
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
   Reference 32-bit Audio DAC
August 9, 2021
logo
NXP Semiconductors
SAA7350 NXP-SAA7350 Datasheet
532Kb / 19P
   20-bit input bistrean conversion DAC for digital audio systems
November 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com