công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1854 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD1854
Giải thích chi tiết về linh kiện  Stereo, 96 kHz, Multibit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1854 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD1854 Datasheet HTML 1Page - Analog Devices AD1854 Datasheet HTML 2Page - Analog Devices AD1854 Datasheet HTML 3Page - Analog Devices AD1854 Datasheet HTML 4Page - Analog Devices AD1854 Datasheet HTML 5Page - Analog Devices AD1854 Datasheet HTML 6Page - Analog Devices AD1854 Datasheet HTML 7Page - Analog Devices AD1854 Datasheet HTML 8Page - Analog Devices AD1854 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
AD1854
REV. A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1854 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Min
Max
Unit
DVDD to DGND
–0.3
+6
V
AVDD to AGND
–0.3
+6
V
Digital Inputs
DGND – 0.3
DVDD + 0.3
V
Analog Outputs
AGND – 0.3
AVDD + 0.3
V
AGND to DGND
–0.3
+0.3
V
Reference Voltage
(AVDD + 0.3)/2
Soldering
300
°C
10
sec
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE CHARACTERISTICS
Min
Typ
Max
Unit
θJA (Thermal Resistance
109
°C/W
[Junction-to-Ambient])
θJC (Thermal Resistance
39
°C/W
[Junction-to-Case])
ORDERING GUIDE
Model
Temperature
Package Description
Package Option
AD1854JRS
0
°C to 70°C
28-Lead Shrink Small Outline
RS-28
AD1854JRSRL
0
°C to 70°C
28-Lead Shrink Small Outline
RS-28 on 13" Reels
AD1854KRS
0
°C to 70°C
28-Lead Shrink Small Outline
RS-28
AD1854KRSRL
0
°C to 70°C
28-Lead Shrink Small Outline
RS-28 on 13" Reels
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD1854
FILTR
OUTR–
OUTR+
AGND
96/
48
DEEMP
ZEROR
DGND
MCLK
CLATCH
CCLK
X2MCLK
384/
256
CDATA
AGND
OUTL–
OUTL+
AVDD
FILTB
IDPM1
IDPM0
DVDD
SDATA
BCLK
L/
RCLK
ZEROL
MUTE
PD/RST


Số phần tương tự - AD1854

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
More results

Mô tả tương tự - AD1854

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com