công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1851 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD1851
Giải thích chi tiết về linh kiện  16-Bit/18-Bit, 16 X Fs PCM Audio DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1851 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD1851 Datasheet HTML 1Page - Analog Devices AD1851 Datasheet HTML 2Page - Analog Devices AD1851 Datasheet HTML 3Page - Analog Devices AD1851 Datasheet HTML 4Page - Analog Devices AD1851 Datasheet HTML 5Page - Analog Devices AD1851 Datasheet HTML 6Page - Analog Devices AD1851 Datasheet HTML 7Page - Analog Devices AD1851 Datasheet HTML 8Page - Analog Devices AD1851 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD1851/AD1861
REV. A
–5–
TOTAL HARMONIC DISTORTION
Total harmonic distortion plus noise (THD+N) is defined as
the ratio of the square root of the sum of the squares of the val-
ues of the first 19 harmonics and noise to the value of the funda-
mental input frequency. It is usually expressed in percent (%).
THD+N is a measure of the magnitude and distribution of lin-
earity error, differential linearity error, quantization error and
noise. The distribution of these errors may be different, depend-
ing on the amplitude of the output signal. Therefore, to be most
useful, THD+N should be specified for both large (0 dB) and
small signal amplitudes (–20 dB and –60 dB).
The THD+N figure of an audio DAC represents the amount of
undesirable signal produced during reconstruction and playback
of an audio waveform. This specification, therefore, provides a
direct method to classify and choose an audio DAC for a
desired level of performance.
SETTLING TIME
Settling time is the time required for the output of the DAC to
reach and remain within a specified error band about its final
value, measured from the digital input transition. It is a primary
measure of dynamic performance.
MIDSCALE ERROR
Midscale error, or bipolar zero error, is the deviation of the ac-
tual analog output from the ideal output (0 V) when the 2s
complement input code representing half scale is loaded in the
input register.
D-RANGE DISTORTION
D-range distortion is equal to the value of the total harmonic
distortion + noise (THD+N) plus 60 dB when a signal level of
–60 dB below full scale is reproduced. D-range is tested with a
1 kHz input sine wave. This is measured with a standard A-
weight filter as specified by EIAJ Standard CP-307.
SIGNAL-TO-NOISE RATIO
The signal-to-noise ratio (SNR) is defined as the ratio of the
amplitude of the output when a full-scale output is present to
the amplitude of the output with no signal present. This is mea-
sured with a standard A-weight filter as specified by EIAJ
Standard CP-307.
REFERENCE
IOUT DAC
RF
AUDIO
OUTPUT
INPUT LATCH
DATA
LE
CLOCK
SERIAL-TO-PARALLEL
CONVERSION
Figure 1. AD1851/AD1861 Functional Block Diagram
FUNCTIONAL DESCRIPTION
The AD1851/AD1861 is a complete monolithic PCM audio
DAC. No additional external components are required for op-
eration. As shown in Figure 1 above, each chip contains a volt-
age reference, an output amplifier, a DAC, an input latch and a
parallel input register.
The voltage reference consists of a bandgap circuit and buffer
amplifier. This combination of elements produces a reference
voltage that is unaffected by changes in temperature and age.
The DAC output voltage, which is derived from the reference
voltage, is also unaffected by these environmental changes.
The output amplifier uses both MOS and bipolar devices to
produce low offset, high slew rate and optimum settling time.
When combined with the on-chip feedback resistor, the output
op amp converts the output current of the AD1851/AD1861 to
a voltage output.
The DAC uses a combination of segmented decoder and R-2R
architecture to achieve consistent linearity and differential lin-
earity. The resistors which form the ladder structure are fabri-
cated with silicon chromium thin film. Laser-trimming of these
resistors further reduces linearity error, resulting in low output
distortion.
The input register and serial-to-parallel converter are fabricated
with CMOS logic gates. These gates allow the achievement of
fast switching speeds and low power consumption. This contrib-
utes to the overall low power dissipation of the AD1851/
AD1861.


Số phần tương tự - AD1851

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1851 AD-AD1851 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1851 AD-AD1851 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851N AD-AD1851N Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851N AD-AD1851N Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1851N-J AD-AD1851N-J Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
More results

Mô tả tương tự - AD1851

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ-J AD-AD1851RZ-J Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1861 AD-AD1861_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16FS PCM Audio DACs
REV. A
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1865 AD-AD1865 Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621 Datasheet
533Kb / 16P
   16-Bit DACs with 16-Channel
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com