công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1376KD bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD1376KD
Giải thích chi tiết về linh kiện  Complete, High Speed 16-Bit A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1376KD bảng dữ liệu(HTML) 7 Page - Analog Devices

  AD1376KD Datasheet HTML 1Page - Analog Devices AD1376KD Datasheet HTML 2Page - Analog Devices AD1376KD Datasheet HTML 3Page - Analog Devices AD1376KD Datasheet HTML 4Page - Analog Devices AD1376KD Datasheet HTML 5Page - Analog Devices AD1376KD Datasheet HTML 6Page - Analog Devices AD1376KD Datasheet HTML 7Page - Analog Devices AD1376KD Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD1376/AD1377
–7–
REV. B
Figure 12. Analog and Power Connections for Bipolar
+10 V to +10 V Input Range
Other Ranges
Representative digital coding for 0 V to +10 V and –10 V to
+10 V ranges is given above. Coding relationships and calibra-
tion points for 0 V to +5 V, –2.5 V to +2.5 V and –5 V to +5 V
ranges can be found by halving proportionally the corresponding
code equivalents listed for the 0 V to +10 V and –10 V to +10 V
ranges, respectively, as indicated in Table III.
Zero and full-scale calibration can be accomplished to a preci-
sion of approximately
±1/2 LSB using the static adjustment
procedure described above. By summing a small sine or triangu-
lar wave voltage with the signal applied to the analog input, the
output can be cycled through each of the calibration codes of
interest to more accurately determine the center (or end points)
of each discrete quantization level. A detailed description of this
dynamic calibration technique is presented in Analog-Digital
Conversion Handbook, edited by D. H. Sheingold, Prentice Hall,
Inc., 1986.
GROUNDING, DECOUPLING AND LAYOUT
CONSIDERATIONS
Many data-acquisition components have two or more ground
pins which are not connected together within the device. These
“grounds” are usually referred to as the Logic Power Return,
Analog Common (Analog Power Return) and Analog Signal
Ground. These grounds (Pins 19 and 22) must be tied together
at one point for the ADC as close as possible to the converter.
Ideally, a single solid analog ground plane under the converter
would be desirable. Current flows through the wires and etch
stripes of the circuit cards, and since these paths have resistance
and inductance, hundreds of millivolts can be generated be-
tween the system analog ground point and the ground pins of
the ADC. Separate wide conductor stripe ground returns should
be provided for high resolution converters to minimize noise
and IR losses from the current flow in the path from the con-
verter to the system ground point. In this way ADC supply
currents and other digital logic-gate return currents are not
summed into the same return path as analog signals where they
would cause measurement errors.
Each of the ADC supply terminals should be capacitively de-
coupled as close to the ADC as possible. A large value capacitor
such as 1
µF in parallel with a 0.1 µF capacitor is usually suffi-
cient. Analog supplies are to be bypassed to the Analog Power
Return pin and the logic supply is bypassed to the Logic Power
Return pin.
The metal cover is internally grounded with respect to the
power supplies, grounds and electrical signals. Do not externally
ground the cover.
CLOCK RATE CONTROL
The AD1376/AD1377 may be operated at faster conversion
times by connecting the Clock Rate Control (Pin 23) to an
external multiturn trim potentiometer (TCR <100 ppm/
°C) as
shown in Figure 13.
Figure 13. Clock Rate Control Circuit
HIGH RESOLUTION DATA ACQUISITION SYSTEM
The essential details of a high resolution data acquisition system
using the AD386 and AD1376 or AD1377 are shown in Figure
14. Conversion is initiated by the falling edge of the CONVERT
START pulse. This edge drives the AD1376’s or AD1377’s
STATUS line high. The inverter then drives the AD386 into
hold mode. STATUS remains high throughout the conversion
and returns low once the conversion is completed. This allows
the AD386 to reenter track mode.
This circuit can exhibit nonlinearities arising from transients
produced at the A/D’s input by the falling edge of CONVERT
START. This edge resets the A/D’s internal DAC; the resulting
transient depends on the SHA’s present output voltage and the
A/D’s prior conversion result. In the circuit of Figure 14 the
falling edge of CONVERT START also places the SHA into
hold mode (via the A/D’s STATUS output), causing the reset
transient to occur at the same moment as the SHA’s track-and-
hold transition. Timing skews and capacitive coupling can cause
some of the transient signal to add to the signal being acquired
by the SHA, introducing nonlinearity.
Figure 14. Basic Data Acquisition System
Interconnections
A much safer approach is to add a flip flop as shown in Figure
15. The rising edge of CONVERT START places the T/H into
hold mode before the A/D reset transients begin. The falling


Số phần tương tự - AD1376KD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1376KD AD-AD1376KD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
More results

Mô tả tương tự - AD1376KD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1377 AD-AD1377_15 Datasheet
403Kb / 12P
   Complete, High Speed 16-Bit A/D Converters
REV. D
AD1376 AD-AD1376_15 Datasheet
403Kb / 12P
   Complete, High Speed 16-Bit A/D Converters
REV. D
ADADC71 AD-ADADC71 Datasheet
647Kb / 8P
   Complete, High Resolution 16-Bit A/D Converters
REV. A
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com