công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK433-040N-E bảng dữ liệu(PDF) 6 Page - Sanyo Semicon Device

tên linh kiện STK433-040N-E
Giải thích chi tiết về linh kiện  2channel class-AB Audio Power IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-040N-E bảng dữ liệu(HTML) 6 Page - Sanyo Semicon Device

Back Button STK433-040N-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-040N-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-040N-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-040N-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-040N-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-040N-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-040N-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-040N-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-040N-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STK433-040N-E
No.A2101-6/11
Recommended external components
STK433-040N-E/060N-E/130N-E/330N-E
Parts
Location
Recommended
value
Circuit purpose
Above
Recommended value
Below
Recommended value
R01, R23
100
Ω/1W
Resistance for Ripple filter. (Fuse resistance is recommended.
Ripple filter is constituted with C03, C23.)
Short-through current
may decrease at
high frequency.
Short-through current
may increase at high
frequency.
R02, R03, R04
1k
Ω
Resistance for input filters.
-
-
R05, R06, R07
56k
Ω
Input impedance is determined.
Output neutral voltage(VN) shift.
(It is referred that R05=R08, R06=R09)
R08, R09, R10
56k
Ω
Voltage Gain (VG) is determined with R11, R12, R13
-
-
R11, R12, R13
1.8k
Ω
Voltage Gain (VG) is determined with R8, R9, R10
(As for VG, it is desirable to set up by R11, R12, R13)
It may oscillate.
(Vg < 30dB)
With especially no
problem
R14, R15, R16
4.7
Ω
Resistance for oscillation prevention.
-
-
R17, R18, R19
4.7
Ω/1W
Resistance for oscillation prevention.
-
-
R20, R21, R22
0.22
Ω/2W
This resistance is used as detection resistance of the protection
circuit application.
Decrease of
Maximum output
Power
It may cause thermal
runaway
R30
Note *5
Select Restriction resistance, for the impression voltage of ‘#17 (Stand-By) pin’ must not exceed the maximum
rating.
C01, C02
100
μF/50V
Capacitor for oscillation prevention.
• Locate near the HIC as much as possible.
• Power supply impedance is lowered and stable operation of
the IC is carried out. (Electrolytic capacitor is recommended.)
-
-
C03, C23
100
μF/50V
Decoupling capacitor
• The Ripple ingredient mixed in an input side Is removed from a
power supply line. (Ripple filter is constituted with R01, R23.)
The change in the Ripple ingredient mixed in
an input side from a power supply line
C04, C05, C06
2.2
μF/50V
Input coupling capacitor.(for DC current prevention.)
-
C07, C08, C09
470pF
Input filter capacitor
• A high frequency noise is reduced with the filter constituted by
R02, R03, R04
-
C10, C11, C12
3pF
Capacitor for oscillation prevention.
It may oscillate.
C13, C14, C15
10
μF/10V
Negative feedback capacitor.
The cutoff frequency of a low cycle changes.
(fL = 1/(2
π ⋅ C13 ⋅ R11))
The voltage gain (VG)
of low frequency is
extended. However,
the pop noise at the
time of a power
supply injection also
becomes large.
The voltage gain (VG)
of low frequency
decreases.
C16, C17, C18
0.1
μF
Capacitor for oscillation prevention.
It may oscillate.
C19, C20, C21
100pF (040N-E)
56pF (060N-E)
N.C. (130N-E,
330N-E)
Capacitor for oscillation prevention.
It may oscillate.
L01, L02, L03
3
μH
Coil for oscillation prevention.
With especially
no problem
It may oscillate.


Số phần tương tự - STK433-040N-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
More results

Mô tả tương tự - STK433-040N-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK433-130N-E SANYO-STK433-130N-E Datasheet
291Kb / 11P
   2channel class-AB Audio Power IC 150W150W
STK433-060N-E SANYO-STK433-060N-E Datasheet
279Kb / 11P
   2channel class-AB Audio Power IC 50W50W
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com