công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STK433-040N-E bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device |
|
STK433-040N-E bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device |
2 / 11 page STK433-040N-E No.A2101-2/11 Specifications Absolute Maximum Ratings at Ta = 25 °C, Tc = 25°C unless otherwise specified Parameter Symbol Conditions Ratings Unit VCC max (0) Non- signal ±38 V VCC max (1) Signal, RL ≥ 6Ω ±36 V Maximum power supply voltage VCC max (2) Signal, RL ≥ 4Ω ±30 V Minimum operation supply voltage VCC min ±10 V #13 Operating voltage *5 VST OFF max #13 voltage -0.3 to +5.5 V Thermal resistance θj-c Per one power transistor 4.2 °C/W Junction temperature Tj max 150 °C Operating substrate temperature Tc max Should satisfy Tj max and Tc max 125 °C Storage temperature Tstg -30 to +125 °C Allowable time for load short-circuit *4 ts VCC = ±24V, RL = 6Ω, f = 50Hz PO = 25W, 1ch drive 0.3 s Operating Characteristics at Tc = 25 °C, RL = 6Ω (Non-inductive Load), Rg = 600Ω, VG = 30dB Conditions *2 Ratings Parameter Symbol VCC [V] f [Hz] PO [W] THD [%] min typ max Unit PO 1 ±24 20 to 20k 0.4 23 25 PO 2 ±24 1k 10 40 Output power *1 PO 3 ±20 1k 1 RL=4Ω 25 W THD 1 ±24 20 to 20k 0.4 Total harmonic distortion *1 THD 2 ±24 1k 5.0 VG=30dB 0.02 % Frequency characteristics *1 fL, fH ±24 1.0 +0 -3dB 20 to 50k Hz Input impedance ri ±24 1k 1.0 55 k Ω Output noise voltage *3 VNO ±29 Rg=2.2k Ω 1.0 mVrms Quiescent current ICCO ±29 No load 15 30 70 mA Quiescent current at stand-by ICST ±29 1.0 mA Output neutral voltage VN ±29 -70 0 +70 mV #13 Stand-by ON threshold *5 VST ON ±24 Stand-by 0 0.6 V #13 Stand-by OFF threshold *5 VST OFF ±24 Operation 2.5 3.0 5.5 V Note *1. 1channel operation. *2. All tests are measured using a constant-voltage supply unless otherwise specified *3. The output noise voltage is peak value of an average-reading meter with a rms value scale (VTVM). A regulated AC supply (50Hz) should be used to eliminate the effects of AC primary line flicker noise *4. Allowable time for load short-circuit and output noise voltage are measured using the specified transformer power supply. *5. Please connect - PreVcc pin (#1 pin) with the stable minimum voltage. and connect so that current does not flow in by reverse bias. *6. In case of heat sink design, we request customer to design in the condition to have assumed market. * The case of this Hybrid-IC is using thermosetting silicon adhesive (TSE322SX). * Weight of HIC : (typ) 12.0g Outer carton dimensions (W×L×H) : 452mm×325mm×192mm Specified transformer power supply (Equivalent to MG-200) + + 10000 μF 10000 μF 500 Ω 500 Ω DBA40C +VCC -VCC |
Số phần tương tự - STK433-040N-E |
|
Mô tả tương tự - STK433-040N-E |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |