công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD1315KZ bảng dữ liệu(PDF) 2 Page - HANAMICRON |
|
AD1315KZ bảng dữ liệu(HTML) 2 Page - HANAMICRON |
2 / 8 page –2– REV. A AD1315–SPECIFICATIONS (All measurements made in free air at +25 C. +VS = +10 V, –VS = –5.2 V, unless otherwise noted.) AD1315KZ Parameter Min Typ Max Units Comments DIFFERENTIAL INPUT CHARACTERISTICS INH to INH Input Voltage, Any One Input –3.0 4.0 Volts Differential Input Range 0.4 ECL 4.0 Volts Bias Current –2.0 1.0 2.0 mA Current Program Voltage Range IOH, 0 mA to +50 mA (Sink) 1 0 +5.0 Volts IOL, 0 mA to –50 mA (Source) 1 0 +5.0 Volts Input Resistance 50 k Ω IOHRTN, IOCRTN Range 2 –2.0 +7.0 Volts VCOM, VDUT Range –2.0 +7.0 Volts IOH, 0 mA to +50 mA 0.5 +7.0 Volts VDUT – VCOM >1 V IOL, 0 mA to –50 mA –2.0 +4.0 Volts VCOM – VDUT >1 V OUTPUT CHARACTERISTICS 3 Active (Sink/Source) Mode Transfer Function 10 mA/V See Figure 1 Accuracy See Figure 1 Linearity Error –0.12 +0.12 % FSR Gain Error –2.0 +2.0 % FSR Offset Error –1.0 +1.0 mA Output Current TC 10 µA/°C Inhibit Mode Output Capacitance 3.0 pF Inhibit Leakage –200 20 200 nA DYNAMIC PERFORMANCE3 Propagation Delay See Figure 2 ±I MAX to INHIBIT (tPD1) 4 0.5 1.5 ns INHIBIT to ±I MAX (tPD2) 4 1.5 3.0 ns POWER SUPPLIES –VS to +VS Difference 15.2 15.4 Volts Supply Range Positive Supply +9.5 +10 +10.5 Volts Negative Supply –5.45 –5.2 –4.95 Volts Current Positive Supply 5 +70 5 +85 +100 mA Negative Supply 5 –100 5 –85 –70 mA Power Dissipation 6 1.3 1.54 PSRR 7 0.05 %/% NOTES 1I OHPROG/IOLPROG voltage range may be extended to –100 mV due to a possible 1 mA offset current. 2I OHRTN/IOLRTN should be connected to VCOM to minimize power dissipation. 3V DUT = –2 V to +7 V, CTOTAL = 10 pF, RDUT = 10 Ω. For inhibit leakage tests, VDUT = 0 V to +5.9 V, IOH = –4 mA, IOL = +4 mA, TCASE = +36°C. 4Measured from the ECL crossing to the 10% change in the output current. 5I PROGRAM = ± 50 mA. 6Maximum power dissipation with +V S = +10 V, –VS = 5.2 V, IPROGRAM 50 mA, VCOM = VDUT = 0 V. 7For a 1% change in +V S or VS, the output current may change a maximum of 0.05% of Full Scale Range (FSR). Specifications subject to change without notice. |
Số phần tương tự - AD1315KZ |
|
Mô tả tương tự - AD1315KZ |