công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1MA141WK bảng dữ liệu(PDF) 1 Page - WILLAS ELECTRONIC CORP

tên linh kiện LM1MA141WK
Giải thích chi tiết về linh kiện  Common Cathode Silicon Dual Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WILLAS [WILLAS ELECTRONIC CORP]
Trang chủ  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

LM1MA141WK bảng dữ liệu(HTML) 1 Page - WILLAS ELECTRONIC CORP

  LM1MA141WK Datasheet HTML 1Page - WILLAS ELECTRONIC CORP LM1MA141WK Datasheet HTML 2Page - WILLAS ELECTRONIC CORP LM1MA141WK Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol Value
Unit
Reverse Voltage
LM1MA141WK
VR
40
Vdc
LM1MA142WK
80
Peak Reverse Voltage
LM1MA141WK
VRM
40
Vdc
LM1MA142WK
80
Forward Current
Single
IF
100
mAdc
Dual
150
Peak Forward Current
Single
IFM
225
mAdc
Dual
340
Peak Forward Surge Current
Single
IFSM(1)
500
mAdc
Dual
750
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
–55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (T
A = 25°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Voltage Leakage Current LM1MA141WK
IR
VR = 35 V
0.1
µAdc
LM1MA142WK
VR = 75 V
0.1
Forward Voltage
VF
IF = 100 mA
1.2
Vdc
Reverse Breakdown Voltage
LM1MA141WK
VR
IR = 100 µA
40
Vdc
LM1MA142WK
80
Diode Capacitance
CD
VR=0, f=1.0 MHz
2.0
pF
Reverse Recovery
Time
trr(2)
IF=10mA,VR=6.0V
3.0
ns
RL=100Ω,Irr=0.1 IR
1. t = 1 SEC
2. trr Test Circuit
This Common Cathode Silicon Epitaxial Planar Dual Diode is designed for
use in ultra high speed switching applications. This device is housed in the
SOT-323 package which is designed for low power surface mount applications.
• Fast t
rr, < 3.0 ns
• Low C
D, < 2.0 pF
Common Cathode Silicon
Dual Switching Diode
SOT–323 /SC – 70
SOT–323 PACKAGE
COMMON CATHODE
DUAL SWITCHING DIODE
40/80 V–100 mA
SURFACE MOUNT
CATHODE
3
1
2
MTX
Marking Symbol
Type No.141WK142WK
Symbol
MT
MU
The “X” represents a smaller alpha digit Date
Code. The Date Code indicates the actual month
in which the part was manufactured.
ANODE
We declare that the material of product
compliance with RoHS requirements.
Marking : LM1MA141WK:MT LM1MA142WK :MU
LM1MA141WK
LM1MA142WK
2012-1
WILLAS ELECTRONIC CORP.
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”
Moisture Sensitivity Level 1


Số phần tương tự - LM1MA141WK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LM1MA141WKT1 LRC-LM1MA141WKT1 Datasheet
101Kb / 4P
   Common Cathode Silicon Dual Switching Diode
LM1MA141WKT1G LRC-LM1MA141WKT1G Datasheet
101Kb / 4P
   Common Cathode Silicon Dual Switching Diode
logo
Shanghai Leiditech Elec...
LM1MA141WKT1G LEIDITECH-LM1MA141WKT1G Datasheet
554Kb / 4P
   Common Cathode Silicon Dual Switching Diode
logo
Leshan Radio Company
LM1MA141WKT3 LRC-LM1MA141WKT3 Datasheet
101Kb / 4P
   Common Cathode Silicon Dual Switching Diode
LM1MA141WKT3G LRC-LM1MA141WKT3G Datasheet
101Kb / 4P
   Common Cathode Silicon Dual Switching Diode
More results

Mô tả tương tự - LM1MA141WK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LDAN222T1G LRC-LDAN222T1G_15 Datasheet
223Kb / 3P
   Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
M1MA141WKT1 ONSEMI-M1MA141WKT1 Datasheet
50Kb / 4P
   Common Cathode Silicon Dual Switching Diode
November, 2005 ??Rev. 7
DAN222 ONSEMI-DAN222_06 Datasheet
49Kb / 4P
   Common Cathode Silicon Dual Switching Diode
March, 2006 ??Rev. 4
DAN222M3T5G ONSEMI-DAN222M3T5G Datasheet
94Kb / 4P
   Common Cathode Silicon Dual Switching Diode
January, 2013 ??Rev. 6
DAN222 ONSEMI-DAN222_V01 Datasheet
165Kb / 5P
   Common Cathode Silicon Dual Switching Diode
September, 2013 - Rev. 7
DAN222G ONSEMI-DAN222G Datasheet
125Kb / 4P
   Common Cathode Silicon Dual Switching Diode
October, 2010 -- Rev. 6
M1MA141WKT1G ONSEMI-M1MA141WKT1G_11 Datasheet
133Kb / 4P
   Common Cathode Silicon Dual Switching Diode
November, 2011 ??Rev. 9
logo
First Silicon Co., Ltd
FDS222 FS-FDS222 Datasheet
106Kb / 4P
   Common Cathode Silicon Dual Switching Diode
logo
Leshan Radio Company
LDAN222T1 LRC-LDAN222T1 Datasheet
143Kb / 3P
   Common Cathode Silicon Dual Switching Diode
LDAN222T1G LRC-LDAN222T1G Datasheet
168Kb / 4P
   Common Cathode Silicon Dual Switching Diode
LM1MA141WKT1 LRC-LM1MA141WKT1 Datasheet
101Kb / 4P
   Common Cathode Silicon Dual Switching Diode
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com