công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA5693MD bảng dữ liệu(PDF) 5 Page - Sanyo Semicon Device

tên linh kiện LA5693MD
Giải thích chi tiết về linh kiện  Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5693MD bảng dữ liệu(HTML) 5 Page - Sanyo Semicon Device

  LA5693MD Datasheet HTML 1Page - Sanyo Semicon Device LA5693MD Datasheet HTML 2Page - Sanyo Semicon Device LA5693MD Datasheet HTML 3Page - Sanyo Semicon Device LA5693MD Datasheet HTML 4Page - Sanyo Semicon Device LA5693MD Datasheet HTML 5Page - Sanyo Semicon Device LA5693MD Datasheet HTML 6Page - Sanyo Semicon Device LA5693MD Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA5693D, LA5693MD
No.A2085-5/7
Note on application
1. For stable operation, place Cin, CO, and TR1 as near to the IC as possible.
2. When used in 0°C or below it, a capacitor of which impedance at high-frequency operation is low and has a good
temperature characteristic (such as SANYO OS-CON capacitor or others) should be used to prevent oscillation.
3. Set VS to the output voltage level where the circuit will be reset using external resistors R1 and R2. VS should be set
to 4V or greater due to internal circuit operation.
4. CCK must be inserted to cut the high range element of clock noise to prevent it from becoming a reset output noise.
5. For Ct, a capacitor which less varies the capacitance according to the temperature should be used.
Timing Chart
Vhys
VCC
0
5V
VS
4V
2V
VO
Ct
RES(1)
RES(2)
CK
0
0
0
0
0
td
td
tCKW
tWD
tWR
Application of power
Instantaneous drop
CPU
abnormality
Microcomputer
operation start
Digital output at I/O
port of microcomputer
Note : Edge-triggered at the point indicated by the arrow of CK signal.


Số phần tương tự - LA5693MD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA5693M SANYO-LA5693M Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693M SANYO-LA5693M Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
More results

Mô tả tương tự - LA5693MD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D_08 Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5692D SANYO-LA5692D Datasheet
351Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
Toshiba Semiconductor
TA8005S TOSHIBA-TA8005S Datasheet
293Kb / 9P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8042F TOSHIBA-TA8042F Datasheet
389Kb / 6P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com