công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

744252470 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 744252470
Giải thích chi tiết về linh kiện  WE-SL3 SMD Common Mode Line Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744252470 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744252470 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744252470 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744252470 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744252470 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744252470 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744252470 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3.1
3.0
2.0
REV
2012-07-17
2012-07-17
2004-10-11
DATE
SSt
SSt
MST
BY
SSt
SBa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-SL3 SMD Common Mode Line Filter
Order.- No.
744252470
SIZE
A4
A Dimensions: [mm]
B Land Pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Impendance
Rated Current
DC Resistance
Insulation Test Voltage
Rated Voltage
Test conditions
100 kHz/ 10 mV
∆T = 40 K
L
Zmax
IR
RDC
UT
UR
Value
2x 47
3300
500
0.25
500
80
Unit
µH
Ω
mA
Ω
V (AC)
V
Tol.
+50/-30%
typ.
max.
max.
max.
max.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
Ambient temperature: -40°C to +85°C (refering to IR)
Operating temperature: -40°C to +125°C
Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 744252470

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
744252101 WURTH-744252101 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744252220 WURTH-744252220 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744252510 WURTH-744252510 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
More results

Mô tả tương tự - 744252470

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
744252510 WURTH-744252510 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744253200 WURTH-744253200 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744252101 WURTH-744252101 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744253101 WURTH-744253101 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744252220 WURTH-744252220 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744235101 WURTH-744235101 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744290121 WURTH-744290121 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290130 WURTH-744290130 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744272221 WURTH-744272221 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744205 WURTH-744205 Datasheet
1Mb / 6P
   WE-SL SMD Common Mode Line Filter
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com