công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

744052150 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 744052150
Giải thích chi tiết về linh kiện  POWER-CHOKE WE-TPC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744052150 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744052150 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744052150 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744052150 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
A
mm
B
mm
C
mm
D
mm
E
mm
F
G
H
@@FRM 1@@
= Start of winding
Marking = Inductance code
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Sättigungsstrom /
saturation current
Eigenres.-Frequenz /
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
Ferrit
CZ
10-08-01
ME
09-01-15
MST
08-04-11
MST
06-03-27
MST
04-10-11
MST
04-08-10
MPH
03-03-27
Name
Datum / date
Version 6
Version 7
5,8 ± 0,3
5,8 ± 0,3
Type 5818
Änderung / modification
Version 1
Version 2
Version 3
typ.
RDC max
typ.
L
max.
mA
typ.
Version 4
Version 5
..................................................................................
..................................................................................
..................................................................................
Würth Elektronik
@ 20°C
@ 20°C
∆T=30 K
100 kHZ / 0,1V
950
30,00
Isat
|ΔL/L|<35%
1100
RDC typ
0,150
IDC
D Prüfgeräte / test equipment:
HP 4274 A für/for L und/and Q
HP 34401 A für/for RDC und IDC
0,190
± 30%
15,00
µH
A Mechanische Abmessungen / dimensions:
2,0 typ.
1,90typ.
1,8 ± 0,2
Kunde / customer :
744052150
SPEICHERDROSSEL WE-TPC
POWER-CHOKE WE-TPC
Artikelnummer / part number :
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
SRF
MHz
Umgebungstemp. / ambient temperature: -40°C - + 85°C
Basismaterial / base material:
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2010-08-01
max.
mA
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Testbedingungen /
test conditions
not exceed 125°C under worst case operating conditions.
F Werkstoffe & Zulassungen / material & approvals:
Draht / wire:
Endoberfläche / finishing electrode:
Class H
Sn/Ag/Cu - 96.5/3.0/0.5%
G Eigenschaften / general specifications:
Betriebstemp. / operating temperature: -40°C - + 125°C
Kunde / customer
Freigabe erteilt / general release:
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
Luftfeuchtigkeit / humidity:
It is recommended that the temperature of the part does
[mm]
6,30
2,20
1,90
2,20
2,20
Marking
A
B
C
D
D
E
SEITE 1 VON 3


Số phần tương tự - 744052150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
744052100 WURTH-744052100 Datasheet
139Kb / 3P
   POWER-CHOKE WE-TPC
744052101 WURTH-744052101 Datasheet
237Kb / 3P
   POWER-CHOKE WE-TPC
744052120 WURTH-744052120 Datasheet
139Kb / 3P
   POWER-CHOKE WE-TPC
744052180 WURTH-744052180 Datasheet
140Kb / 3P
   POWER-CHOKE WE-TPC
744052180 WURTH-744052180_17 Datasheet
264Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

Mô tả tương tự - 744052150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74402800011 WURTH-74402800011 Datasheet
320Kb / 3P
   POWER-CHOKE WE-TPC
744025003 WURTH-744025003 Datasheet
133Kb / 3P
   POWER-CHOKE WE-TPC
744031001 WURTH-744031001 Datasheet
140Kb / 3P
   POWER-CHOKE WE-TPC
744029003 WURTH-744029003 Datasheet
320Kb / 3P
   POWER-CHOKE WE-TPC
744062150 WURTH-744062150 Datasheet
142Kb / 3P
   POWER-CHOKE WE-TPC
744066100 WURTH-744066100 Datasheet
114Kb / 3P
   POWER-CHOKE WE-TPC
744053004 WURTH-744053004 Datasheet
219Kb / 3P
   POWER-CHOKE WE-TPC
744053270 WURTH-744053270 Datasheet
140Kb / 3P
   POWER-CHOKE WE-TPC
744066151 WURTH-744066151 Datasheet
115Kb / 3P
   POWER-CHOKE WE-TPC
744043003 WURTH-744043003 Datasheet
139Kb / 3P
   POWER-CHOKE WE-TPC
744043008 WURTH-744043008 Datasheet
139Kb / 3P
   POWER-CHOKE WE-TPC
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com