công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

744032331 bảng dữ liệu(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 744032331
Giải thích chi tiết về linh kiện  SMD HF-CHOKE WE-LQ
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744032331 bảng dữ liệu(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744032331 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744032331 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744032331 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
4,00 ± 0,1
mm
B
4,00 ± 0,1
mm
a
178 ± 0,5
mm
b
20,20 ± 0,1
mm
+ 0,5
- 1,0
d
50,0 ± 1,0
mm
UB
06-07-14
SSt
05-07-27
MST
04-10-11
Name
Datum / date
Änderung / modification
Version 1
Version 2
Version 3
mm
13,00
c
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
744032331
SMD HF-Drossel WE-LQ
SMD HF-CHOKE WE-LQ
DATUM / DATE : 2006-07-14
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
..............................................................................
................................................................................
Datum / date
Unterschrift / signature
http://www.we-online.com
Würth Elektronik
..............................................................................
................................................................................
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Kontrolliert / approved
Ø c
a
d
b
The force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be
informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that
require high safety and reliability functions or performance
SEITE 3 VON 3


Số phần tương tự - 744032331

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
744032001 WURTH-744032001 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320015 WURTH-7440320015 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320018 WURTH-7440320018 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744032001 WURTH-744032001_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744032002 WURTH-744032002 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
More results

Mô tả tương tự - 744032331

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
744045006 WURTH-744045006 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744045471 WURTH-744045471 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744032002 WURTH-744032002 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744032100 WURTH-744032100 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320056 WURTH-7440320056 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744032220 WURTH-744032220 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744045152 WURTH-744045152 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320015 WURTH-7440320015 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320027 WURTH-7440320027 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440450018 WURTH-7440450018 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744045821 WURTH-744045821 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com