công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74435581000 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 74435581000
Giải thích chi tiết về linh kiện  WE-HCI SMD Flat Wire High Current Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74435581000 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74435581000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435581000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435581000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435581000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435581000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435581000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.4
1.3
1.2
1.1
1.0
REV
2012-12-06
2012-10-24
2012-08-08
2012-06-28
2012-03-12
DATE
SSt
SSt
SSt
SSt
SSt
BY
SSt
BD
BD
SSt
DDe
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-HCI SMD Flat Wire High Current
Inductor
Order.- No.
74435581000
SIZE
A4
Size: 2212
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated inductance
Rated current
Saturation current
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 10 mA
100 kHz/ 10 mA/ 21.0 A
∆T = 50 K
|ΔL/L| < 30%
@ 20°C
L
LR
IR
Isat
RDC
fres
Value
10
7.8
21.0
26.0
3.40
15
Unit
µH
µH
A
A
MHz
Tol.
±20%
typ.
max.
typ.
±10%
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
Ambient temperature: -40°C to +85°C (refering to IR)
Operating temperature: -40°C to +125°C
Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 74435581000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74435581000 WURTH-74435581000 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
74435581000 WURTH-74435581000_14 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results

Mô tả tương tự - 74435581000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7443552280 WURTH-7443552280 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443550320 WURTH-7443550320 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443551151 WURTH-7443551151 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443551331 WURTH-7443551331 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443557760 WURTH-7443557760 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744310024 WURTH-744310024 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744310055 WURTH-744310055 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744310115 WURTH-744310115 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744313025 WURTH-744313025 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744314024 WURTH-744314024 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744314110 WURTH-744314110 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com