công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BC107A bảng dữ liệu(PDF) 1 Page - Comset Semiconductor |
|
BC107A bảng dữ liệu(HTML) 1 Page - Comset Semiconductor |
1 / 3 page NPN BC107 – BC108 – BC109 25/09/2012 COMSET SEMICONDUCTORS 1/3 The BC107, BC108 and BC109 are silicon planar epitaxial NPN transistors mounted in TO-18 metal package. They are suitable for use in drive audio stages, low-noise input audio stages and as low power, high gain general purpose transistors. The complementary PNP are BC177, BC178 and BC179. Compliance to RoHS. ABSOLUTE MAXIMUM RATINGS Symbol BC107 BC108 BC109 Unit VCEO Collector-Emitter Voltage (IB =0) 45 20 20 V VCBO Collector-Base Voltage (IE =0) 50 30 30 V VEBO Emitter-Base Voltage (IC =0) 6 5 5 V IC Collector Current 100 mA ICM Collector Peak Current 200 mA PD Total Power Dissipation @ Tamb = 25° 300 mW TJ Junction Temperature 175 °C TStg Storage Temperature range -65 to +150 °C ELECTRICAL CHARACTERISTICS Tj=25°C unless otherwise specified Symbol Ratings Test Condition(s) Min Typ Max Unit ICBO Collector Cutoff Current VCB = 20 V IE = 0 BC107 - - 15 nA BC108 BC109 VCB = 20 V IE = 0 V Tj = 150°C BC107 - - 15 µA BC108 BC109 IEBO Emitter Cutoff Current VEB = 5 V IC = 0 BC107 - - 50 nA BC108 BC109 VCEO Collector-Emitter Breakdown Voltage IC = 10 mA IB = 0 BC107 45 - - V BC108 20 - - BC109 20 - - VCBO Collector-Base Breakdown Voltage IC = 10 µA VBE = 0 BC107 50 - - V BC108 30 - - BC109 30 - - VEBO Emitter-Base Breakdown Voltage IE = 10 µA IC = 0 BC107 5 - - V BC108 BC109 L LO OW W N NO OIIS SE E G GE EN NE ER RA AL L P PU UR RP PO OS SE E A AU UD DIIO O A AM MP PL LIIF FIIE ER RS S |
Số phần tương tự - BC107A |
|
Mô tả tương tự - BC107A |