công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

744030220 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 744030220
Giải thích chi tiết về linh kiện  POWER-INDUCTOR WE-TPC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744030220 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744030220 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744030220 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744030220 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
Amm
Bmm
Cmm
Dmm
Emm
Fmm
Gmm
Hmm
Imm
Jmm
Marking
@@FRM 1@@
Inductance Value (µH)
Eigenschaften / properties
Wert / value
Einheit / unit
tol.
Induktivität
inductance
DC-Widerstand
DC-resistance
DC-Widerstand
DC-resistance
Nennstrom
rated Current
Sättigungsstrom
saturation current
Eigenres.-Frequenz
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
Ferrit/ ferrite
SSt
09-06-03
MST
08-04-11
MST
06-09-12
SSt
06-05-17
MST
04-10-11
AG
04-05-24
Name
Datum / date
1.2
2.2
3.3
4.7
6.8
10
22
A
B
C
D
E
F
G
Typ XS
Änderung / modification
Version 1
Version 2
Version 3
Version 4
Version 5
Betriebstemp. / operating temperature: -40°C - + 125°C
2.3 typ.
1.3 typ.
1.2 typ.
3.3 ± 0.2
0.95 ± 0.10
4.2 typ.
D Prüfgeräte / test equipment:
Freigabe erteilt / general release:
Kunde / customer
Basismaterial / base material:
Draht / wire:
Class H
Luftfeuchtigkeit / humidity:
3.5 ± 0.2
0.25
typ.
0.22
A
1.8 typ.
0.5 typ.
1.10 typ.
F Werkstoffe & Zulassungen / material & approvals:
G Eigenschaften / general specifications:
E Testbedingungen / test conditions:
HP 34401 A für/for IDC und/and RDC
HP 4274 A für/for L und/and Q
...............................................
............................................
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Würth Elektronik
..................................................................................
Version 6
Kunde / customer :
http://www.we-online.de
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2009-03-06
max.
Testbedingungen /
test conditions
1.450
± 30%
Artikelnummer / part number :
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
Umgebungstemp. / ambient temperature: -40°C - + 85°C
40
744030220
SPEICHERDROSSEL WE-TPC
POWER-INDUCTOR WE-TPC
µH
RDC max
L
A Mechanische Abmessungen / dimensions:
100 kHz / 0.25V
RDC typ
1.390
22.00
@ 20°C
ΔL/L = -10%
max.
IN
Ω
@ 20°C
Ω
typ.
SRF
MHz
ΔT = 40 K
typ.
Isat
A
Marking
A
B
C
D
F
E
H
J
G
I
[mm]
I
G
SEITE 1 VON 3


Số phần tương tự - 744030220

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
744030001 WURTH-744030001 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744030002 WURTH-744030002 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744030002 WURTH-744030002_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744030003 WURTH-744030003 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744030004 WURTH-744030004 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
More results

Mô tả tương tự - 744030220

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7440300047 WURTH-7440300047 Datasheet
176Kb / 3P
   POWER-INDUCTOR WE-TPC
744030100 WURTH-744030100 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
7440300068 WURTH-7440300068 Datasheet
175Kb / 3P
   POWER-INDUCTOR WE-TPC
744030001 WURTH-744030001 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744030002 WURTH-744030002 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744030003 WURTH-744030003 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744030006 WURTH-744030006 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744030004 WURTH-744030004 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744042008 WURTH-744042008_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744062120 WURTH-744062120_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com