công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADMP441_1209 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADMP441_1209
Giải thích chi tiết về linh kiện  Omnidirectional Microphone with Bottom Port and I2S Digital Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADMP441_1209 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADMP441_1209 Datasheet HTML 1Page - Analog Devices ADMP441_1209 Datasheet HTML 2Page - Analog Devices ADMP441_1209 Datasheet HTML 3Page - Analog Devices ADMP441_1209 Datasheet HTML 4Page - Analog Devices ADMP441_1209 Datasheet HTML 5Page - Analog Devices ADMP441_1209 Datasheet HTML 6Page - Analog Devices ADMP441_1209 Datasheet HTML 7Page - Analog Devices ADMP441_1209 Datasheet HTML 8Page - Analog Devices ADMP441_1209 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADMP441
Rev. B | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VDD = 2.4 V, SCK = 3.072 MHz, SPL = 104 dB (3.16 Pa rms), unless otherwise noted. All minimum and maximum
specifications are guaranteed. Typical specifications are not guaranteed.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PERFORMANCE
Directionality
Omni
Sensitivity at 94 dB SPL1
1 kHz, 104 dB SPL
−29
−26
−23
dBFS
Signal-to-Noise Ratio
SNR
20 kHz bandwidth, A-weighted
61
dBA
Equivalent Input Noise
EIN
20 kHz bandwidth, A-weighted
33
dBA SPL
Dynamic Range
Derived from EIN and maximum acoustic input
87
dB
Frequency Response2
Low frequency –3 dB point
60
Hz
High frequency –3 dB point
15
kHz
Deviation limits from flat response within pass band
−3/+2
dB
Total Harmonic Distortion
THD
104 dB SPL
3
%
Power Supply Rejection
PSR
217 Hz, 100 mV p-p square wave superimposed on V
DD
−75
dBFS
Maximum Acoustic Input
Peak
120
dB SPL
Noise Floor
20 Hz to 20 kHz, A-weighted, rms
−87
dBFS
POWER SUPPLY
Supply Voltage
V
DD
1.8
3.3
V
Supply Current
I
DD
V
DD = 1.8 V
Normal Mode
1.4
1.6
mA
Standby
0.8
mA
Power-Down
2
µA
V
DD = 3.3 V
Normal Mode
2.2
2.5
mA
Standby
0.8
mA
Power-Down
4.5
µA
DIGITAL FILTER
Group Delay
17.25/f
S
sec
f
S = 48 kHz
359
µs
f
S = 16 kHz
1078
µs
Pass-Band Ripple
±0.04
dB
Stop-Band Attenuation
60
dB
Pass Band
0.423 × f
S
20.3
kHz
1 The peak-to-peak amplitude is relative to peak-to-peak amplitude of 224 − 1. The stimulus is a 104 dB SPL sinusoid having rms amplitude of 3.1623 Pa. Sensitivity is
relative to 1 Pa.
2 See Figure 6 and Figure 8.


Số phần tương tự - ADMP441_1209

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADMP441ACEZ-RL AD-ADMP441ACEZ-RL Datasheet
357Kb / 16P
   Omnidirectional Microphone
REV. A
ADMP441ACEZ-RL7 AD-ADMP441ACEZ-RL7 Datasheet
357Kb / 16P
   Omnidirectional Microphone
REV. A
More results

Mô tả tương tự - ADMP441_1209

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
INMP441 ETC1-INMP441 Datasheet
472Kb / 21P
   Omnidirectional Microphone with Bottom Port and I2S Digital Output
logo
Analog Devices
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
   Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
   Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
logo
TDK Electronics
INMP421 TDK-INMP421 Datasheet
504Kb / 21P
   Omnidirectional Microphone with Bottom Port and PDM Digital Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
logo
Analog Devices
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
logo
TDK Electronics
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com