công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSBH0170W bảng dữ liệu(PDF) 11 Page - Fairchild Semiconductor

tên linh kiện FSBH0170W
Giải thích chi tiết về linh kiện  Green Mode Fairchild Power Switch (FPS??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0170W bảng dữ liệu(HTML) 11 Page - Fairchild Semiconductor

Back Button FSBH0170W Datasheet HTML 6Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 7Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 8Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 9Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 10Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 11Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 12Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 13Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70WA/0170W/0270W • Rev. 1.0.2
11
Functional Description
Startup Operation
The HV pin is connected to bulk voltage through an
external resistor, RHV, as shown in Figure 22. When AC
voltage is applied to the power system, an internal HV
startup circuit provides a high current (around 3.5mA) to
charge an external VDD capacitor until VDD voltage
exceeds the turn-on threshold voltage (VDD-ON). For
lower power consumption, the HV startup circuit shuts
down during normal operation. The external VDD
capacitor and auxiliary winding maintain the VDD voltage
and provide operating current to controller.
Figure 22.
Startup Circuit
Slope Compensation
The FSBH-series is designed for flyback power
converters. The peak-current-mode control is used to
optimize system performance. Slope compensation is
added to reduce current loop gain and improve power
system stability. The FSBH-series has a built-in,
synchronized, positive slope for each switching cycle.
Soft-Start
The FSBH-series has an internal soft-start circuit that
reduces the SenseFET switching current during power
system startup. The characteristic curve of soft-start
time versus VLMT level is shown in Figure 1. The VLMT
level rises in six steps. By doing so, the power system
can smoothly build up the rated output voltage and
effectively reduce voltage stress on the PWM switch
and output diode.
Figure 23.
Soft-Start Function
Brown-In/Out Function
FSBH0170W/0270W has a built-in internal brown-in/out
protection comparator monitoring voltage of the VIN pin.
Figure 24 shows a resistive divider with low-pass
filtering for line-voltage detection on the VIN pin.
Figure 24.
Brown-In/Out Function on VIN Pin
Once the VIN pin voltage is lower than 0.6V and lasts
for 500ms, the PWM gate is disabled to protect the
system from over current. FSBH0170W/0270W starts
up as VIN increases above 1.1V. Because the divider
resistors of the VIN pin are connected behind the
bridge, the ratio calculations for brownout in PFC and
non-PFC system are different, as shown in Figure 1.
The formulas are provided in the following equations:
Brownout with PFC:
_
2
20.6
C
AC OUT
AB
C
R
V
RR
R
π
⋅⋅ =
++
(1)
Brownout with non-PFC:
_
20.6
C
AC
OUT
AB
C
R
V
RR
R
⋅=
++
(2)
Brown-in level is determined by:
_
1.1
2
A
BC
AC
IN
C
RR
R
V
R
++
=⋅
(3)
Figure 25.
VIN Level According to PFC Operation
Brown-In Function of FSBH0F70WA
The VIN pin functions are disabled from FSBH0F70WA
which still exist brown-in protection in VDD pin. There is
a discharge current internal from VDD to ground during
startup. The HV source current must be larger than IDD-
ST to charge the capacitor of VDD. The brown-in level can
be determined by RHV according to the equation:
212
AC
HV
DD ST
V
R
I
=
(4)


Số phần tương tự - FSBH0170W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSBH0170 FAIRCHILD-FSBH0170 Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170 FAIRCHILD-FSBH0170 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0170/A FAIRCHILD-FSBH0170/A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

Mô tả tương tự - FSBH0170W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com