công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSB50450A bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện FSB50450A
Giải thích chi tiết về linh kiện  Smart Power Module (SPM짰)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50450A bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

Back Button FSB50450A Datasheet HTML 2Page - Fairchild Semiconductor FSB50450A Datasheet HTML 3Page - Fairchild Semiconductor FSB50450A Datasheet HTML 4Page - Fairchild Semiconductor FSB50450A Datasheet HTML 5Page - Fairchild Semiconductor FSB50450A Datasheet HTML 6Page - Fairchild Semiconductor FSB50450A Datasheet HTML 7Page - Fairchild Semiconductor FSB50450A Datasheet HTML 8Page - Fairchild Semiconductor FSB50450A Datasheet HTML 9Page - Fairchild Semiconductor FSB50450A Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FSB50450A Rev. A
Note:
1. Parameters for bootsrap circuit elements are dependent on PWM algorithm. For 15 kHz of switching frequency, typical example of parameters is shown above.
2. RC coupling(R5 and C5) and C4 at each input of SPM
® and Micom (indicated as dotted lines) may be used to prevent improper signal due to surge noise. Signal input of SPM®
is compatible with standard CMOS or LSTTL outputs.
3. Bold lines should be short and thick in PCB pattern to have small stray inductance of circuit, which results in the reduction of surge voltage. Bypass capacitors such as C1, C2
and C3 should have good high-frequencycharacteristics to absorb high-frequency ripple current.
Figure 3. Recommended CPU Interface and Bootstrap Circuit with Parameters
Note:
Attach the thermocouple on top of the heatsink-side of SPM® (between SPM® and heatsink if applied) to get the correct temperature measurement.
Figure 4. Case Temperature Measurement
Figure 5. Temperature profile of Vts(typ.)
HIN
LIN
Output
Note
0
0
Z
Both FRFET Off
0
1
0
Low side FRFET On
1
0
VDC
High side FRFET On
1
1
Forbidden
Shoot through
Open
Open
Z
Same as (0,0)
COM
VCC
LIN
HIN
VB
HO
VS
LO
P
N
R
3
Inverter
Output
C
3
C
1
15V
Line
10mF
One Leg Diagram of SPM
These values depend on PWM
control algorithm
* Example of bootstrap paramters
:
C
1= C2 =1mF ceramic capacitor
R
5
C
5
V
DC
C
2
Vts
* Example circuit : V phase
C
4
V
20
40
60
80
100
120
140
160
0.5
1.0
1.5
2.0
2.5
3.0
3.5
THVIC [deg]


Số phần tương tự - FSB50450A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSB50450A FAIRCHILD-FSB50450A Datasheet
4Mb / 28P
   Motion SPM 5 Series Version 2 User?셲 Guide
logo
ON Semiconductor
FSB50450A ONSEMI-FSB50450A Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
logo
Fairchild Semiconductor
FSB50450AS FAIRCHILD-FSB50450AS Datasheet
611Kb / 10P
   FSB50450AS Motion SPM짰 5 Series
logo
ON Semiconductor
FSB50450AS ONSEMI-FSB50450AS Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
FSB50450AT ONSEMI-FSB50450AT Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
More results

Mô tả tương tự - FSB50450A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com