công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSB50250AT bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện FSB50250AT
Giải thích chi tiết về linh kiện  Smart Power Module (SPM )
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50250AT bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

Back Button FSB50250AT Datasheet HTML 2Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 3Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 4Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 5Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 6Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 7Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 8Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 9Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FSB50250AT Rev. A
Note:
1. Parameters for bootsrap circuit elements are dependent on PWM algorithm. For 15 kHz of switching frequency, typical example of parameters is shown above.
2. RC coupling(R5 and C5) and C4 at each input of SPM
® and Micom (indicated as dotted lines) may be used to prevent improper signal due to surge noise. Signal input of SPM®
is compatible with standard CMOS or LSTTL outputs.
3. Bold lines should be short and thick in PCB pattern to have small stray inductance of circuit, which results in the reduction of surge voltage. Bypass capacitors such as C1, C2
and C3 should have good high-frequencycharacteristics to absorb high-frequency ripple current.
Figure 3. Recommended CPU Interface and Bootstrap Circuit with Parameters
Note:
Attach the thermocouple on top of the heatsink-side of SPM® (between SPM® and heatsink if applied) to get the correct temperature measurement.
Figure 4. Case Temperature Measurement
Figure 5. Temperature profile of Vts(typ.)
HIN
LIN
Output
Note
0
0
Z
Both FRFET Off
0
1
0
Low side FRFET On
1
0
VDC
High side FRFET On
1
1
Forbidden
Shoot through
Open
Open
Z
Same as (0,0)
COM
VCC
LIN
HIN
VB
HO
VS
LO
P
N
R
3
Inverter
Output
C
3
C
1
15V
Line
10mF
One Leg Diagram of SPM
These values depend on PWM
control algorithm
* Example of bootstrap paramters
:
C
1= C2 =1mF ceramic capacitor
R
5
C
5
V
DC
C
2
Vts
* Example circuit : V phase
C
4
V
20
40
60
80
100
120
140
160
0.5
1.0
1.5
2.0
2.5
3.0
3.5
THVIC [deg]


Số phần tương tự - FSB50250AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
More results

Mô tả tương tự - FSB50250AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com