công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQPF8N80C bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FQPF8N80C
Giải thích chi tiết về linh kiện  800V N-Channel MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF8N80C bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FQPF8N80C_09 Datasheet HTML 1Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 2Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 3Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 4Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 5Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 6Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 7Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 8Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2009 Fairchild Semiconductor Corporation
FQP8N80C/FQPF8N80C/FQPF8N80CYDTU Rev.A
1
www.fairchildsemi.com
FQP8N80C/FQPF8N80C/FQPF8N80CYDTU
800V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supplies.
Features
• 8A, 800V, RDS(on) = 1.55Ω @VGS = 10 V
• Low gate charge ( typical 35 nC)
• Low Crss ( typical 13 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
* Drain current limited by maximum junction temperature.
Thermal Characteristics
Symbol
Parameter
FQP8N80C
FQPF8N80C
Units
VDSS
Drain-Source Voltage
800
V
ID
Drain Current
- Continuous (TC = 25°C)
88 *
A
- Continuous (TC = 100°C)
5.1
5.1 *
A
IDM
Drain Current
- Pulsed
(Note 1)
32
32 *
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
850
mJ
IAR
Avalanche Current
(Note 1)
8A
EAR
Repetitive Avalanche Energy
(Note 1)
17.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
178
59
W
- Derate above 25°C
1.43
0.48
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP8N80C
FQPF8N80C
Units
RθJC
Thermal Resistance, Junction-to-Case
0.7
2.1
°C/W
RθJS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W
TO-220
FQP Series
G
S
D
TO-220F
FQPF Series
G S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
QFET
TM
January 2009
• RoHS
Compliant


Số phần tương tự - FQPF8N80C_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQPF8N80C FAIRCHILD-FQPF8N80C Datasheet
906Kb / 10P
   800V N-Channel MOSFET
FQPF8N80C FAIRCHILD-FQPF8N80C Datasheet
1Mb / 10P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF8N80C ISC-FQPF8N80C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Mô tả tương tự - FQPF8N80C_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com