công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LCX028AMT bảng dữ liệu(PDF) 6 Page - Sony Corporation

tên linh kiện LCX028AMT
Giải thích chi tiết về linh kiện  4.6cm (1.8-inch) Black-and-White LCD Panel
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONY [Sony Corporation]
Trang chủ  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX028AMT bảng dữ liệu(HTML) 6 Page - Sony Corporation

Back Button LCX028AMT Datasheet HTML 2Page - Sony Corporation LCX028AMT Datasheet HTML 3Page - Sony Corporation LCX028AMT Datasheet HTML 4Page - Sony Corporation LCX028AMT Datasheet HTML 5Page - Sony Corporation LCX028AMT Datasheet HTML 6Page - Sony Corporation LCX028AMT Datasheet HTML 7Page - Sony Corporation LCX028AMT Datasheet HTML 8Page - Sony Corporation LCX028AMT Datasheet HTML 9Page - Sony Corporation LCX028AMT Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
– 6 –
LCX028AMT
Input Signals
1. Input signal voltage conditions (VSS = 0V)
Item
H shift register input voltage
HST, HCK1, HCK2, RGT
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig
Vcom
VpsigB
VpsigG
–0.5
4.5
–0.5
4.5
6.9
VVC – 4.5
VVC – 0.6
VVC ± 4.4
VVC ± 1.7
0.0
5.0
0.0
5.0
7.0
7.0
VVC – 0.5
VVC ± 4.5
VVC ± 1.8
0.4
5.5
0.4
5.5
7.1
VVC + 4.5
VVC – 0.4
VVC ± 4.6
VVC ± 1.9
V
V
V
V
V
V
V
V
V shift register input voltage
VB1, VB2, BLK, VST,
VCK, PCG, ENB, DWN
Video signal center voltage
Video signal input range∗1
Common voltage of panel∗2
Uniformity improvement signal
input voltage (PSIG)∗3
Symbol
Min.
Typ.
Max.
Unit
∗1 Input video signal shall be symmetrical to VVC.
∗2 The typical value of the common pad voltage may lower its suitable voltage according to the set
construction to use. In this case, use the voltage of which has maximum contrast as typical value.
When the typical value is lowered, the maximum and minimum values may lower.
∗3 Input a uniformity improvement signal PSIG in the same polarity with video signals VSIG1 to VSIG12 and
which is symmetrical to VVC. PSIG wave form is 2 steps like below, in the upper chart, upper shows signal
level of the 1st step, lower shows signal level of the 2nd step. Also, the rising and falling of PSIG are
synchronized with the rising of PCG pulse, and the rise time trPSIG and fall time tfPSIG are suppressed
within 400ns (as shown in a diagram below).
Level Conversion Circuit
The LCX028AMT has a built-in level conversion circuit in the clock input unit on the panel. The input signal
level increases to HVDD or VVDD. The VCC of external ICs are applicable to 5 ± 0.5V.
trPSIG
tfPSIG
VVC
PSIG
PCG
90%
10%
PRG∗4
PsigG
PsigB
Input waveform of uniformity improvement signal PSIG
∗4 PRG shows the time of the 1st step of PSIG signal, and it is not input to the panel.


Số phần tương tự - LCX028AMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sony Corporation
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
More results

Mô tả tương tự - LCX028AMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sony Corporation
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX017DLT SONY-LCX017DLT Datasheet
311Kb / 26P
   4.6cm (1.8 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com