công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD5N50NZ bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FDD5N50NZ
Giải thích chi tiết về linh kiện  N-Channel MOSFET 500V, 4A, 1.5?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50NZ bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FDD5N50NZ Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50NZ Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50NZ Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50NZ Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50NZ Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50NZ Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50NZ Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50NZ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2011
©2011 Fairchild Semiconductor Corporation
FDD5N50NZ Rev. C0
www.fairchildsemi.com
1
UniFET-II
TM
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted*
Thermal Characteristics
Symbol
Parameter
FDD5N50NZ
Units
VDSS
Drain to Source Voltage
500
V
VGSS
Gate to Source Voltage
±25
V
ID
Drain Current
-Continuous (TC = 25oC)
4
A
-Continuous (TC = 100oC)
2.4
IDM
Drain Current
- Pulsed
(Note 1)
16
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
304
mJ
IAR
Avalanche Current
(Note 1)
4
A
EAR
Repetitive Avalanche Energy
(Note 1)
6.2
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
10
V/ns
PD
Power Dissipation
(TC = 25oC)
62
W
- Derate above 25oC
0.5
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FDD5N50NZ
Units
RJC
Thermal Resistance, Junction to Case
2.0
oC/W
RJA
Thermal Resistance, Junction to Ambient
90
FDD5N50NZ
N-Channel MOSFET
500V, 4A, 1.5
Features
•RDS(on) = 1.38 ( Typ.)@ VGS = 10V, ID = 2A
• Low Gate Charge ( Typ. 9nC)
• Low Crss ( Typ. 4pF)
• Fast Switching
• 100% Avalanche Tested
• Improved dv/dt Capability
• ESD Imoroved Capability
• RoHS Compliant
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advance technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switching mode power supplies and active power factor
correction.
G
S
D
D-PAK
*Drain current limited by maximum junction temperature


Số phần tương tự - FDD5N50NZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD5N50NZF FAIRCHILD-FDD5N50NZF Datasheet
304Kb / 8P
   N-Channel MOSFET 500V, 3.7A, 1.75廓
FDD5N50NZFTM FAIRCHILD-FDD5N50NZFTM Datasheet
304Kb / 8P
   N-Channel MOSFET 500V, 3.7A, 1.75廓
FDD5N50NZFTM FAIRCHILD-FDD5N50NZFTM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FDD5N50NZTM FAIRCHILD-FDD5N50NZTM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Mô tả tương tự - FDD5N50NZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
4N50_1109 UTC-4N50_1109 Datasheet
183Kb / 6P
   4A, 500V N-CHANNEL POWER MOSFET
logo
Rectron Semiconductor
RM4N500LD RECTRON-RM4N500LD Datasheet
390Kb / 6P
   4A,500V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.4廓
FDD5N53 FAIRCHILD-FDD5N53 Datasheet
250Kb / 9P
   N-Channel MOSFET 530V, 4A, 1.5廓
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
logo
Intersil Corporation
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
   4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
   N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
First Silicon Co., Ltd
FTK5N50P FS-FTK5N50P Datasheet
373Kb / 7P
   4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
UF830 UTC-UF830 Datasheet
307Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
UF830Z UTC-UF830Z Datasheet
280Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com