công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74459168 bảng dữ liệu(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 74459168
Giải thích chi tiết về linh kiện  POWER-CHOKE WE-PD 3
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74459168 bảng dữ liệu(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74459168 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74459168 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74459168 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
14,64 ± 0,1
mm
B
24,0 ± 0,1
mm
C
2,00 min.
mm
D
1,50 ± 0,1
mm
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
14,2 ± 0,1
mm
I
18,76 ± 0,1
mm
J
7,40 ± 0,1
mm
T
0,40 ± 0,03
mm
W
32,0 ± 0,3
mm
a
330,0 ± 0,5
mm
b
20,20 ± 0,1
mm
+ 0,5
- 1,0
d
100,0 ± 1,0
mm
MST
04-10-11
Name
Datum / date
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
74459168
SPEICHERDROSSEL WE-PD 3
POWER-CHOKE WE-PD 3
DATUM / DATE : 2004-10-11
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
mm
13,00
c
.........................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
...................................................
.............................................
http://www.we-online.de
Geprüft / checked
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Änderung / modification
Version 1
I
J
T
The force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
øD
AB
C
H
W
G
F
E
Ø c
a
d
b
feeding direction
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such
as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information
network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general
electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed
before use. It is essential to give consideration when to install a protective circuit at the design stage
RoHS
compliant
LF
SEITE 3 VON 3


Số phần tương tự - 74459168

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74459115 WURTH-74459115 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459122 WURTH-74459122 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459133 WURTH-74459133 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459147 WURTH-74459147 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
More results

Mô tả tương tự - 74459168

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7445101 WURTH-7445101 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
7445920 WURTH-7445920 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459010 WURTH-74459010 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459147 WURTH-74459147 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
7445302 WURTH-7445302 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
7445303 WURTH-7445303 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
7445404 WURTH-7445404 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
74451122 WURTH-74451122 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74451147 WURTH-74451147 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74453112 WURTH-74453112 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
74454010 WURTH-74454010 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com