công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-432B-E bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện STK672-432B-E
Giải thích chi tiết về linh kiện  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-432B-E bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  STK672-432B-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-432B-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
71311HKPC 018-11-0003/61610HKPC No.A1733-1/24
STK672-432B-E
Overview
The STK672-432B-E is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control.
Applications
• Office photocopiers, printers, etc.
Features
• Built-in motor terminal open detection function (output current OFF).
• Built-in overcurrent detection function (output current OFF).
• Built-in overheat detection function (output current OFF).
• FAULT1 signal (active low) is output when any of motor terminal open, overcurrent, or overheat is detected.
The FAULT2 signal is used to output the result of activation of protection circuit detection at 3 levels.
• Built-in power on reset function.
• A micro-step sine wave-driven driver can be activated merely by inputting an external clock.
• External pins can be used to select 2, 1-2 (including pseudo-micro), W1-2, 2 W1-2, or 4W1-2 excitation.
• The switch timing of the 4-phase distributor can be switched by setting an external pin (MODE3) to detect either the
rise and fall, or rise only, of CLOCK input.
• Phase is maintained even when the excitation mode is switched. Rotational direction switching function.
• Supports schmitt input for 2.5V high level input.
• Incorporating a current detection resistor (0.152Ω: resistor tolerance ±2%), motor current can be set using two
external resistors.
• The ENABLE pin can be used to cut output current while maintaining the excitation mode.
• With a wide current setting range, power consumption can be reduced during standby.
• No motor sound is generated during hold mode due to external excitation current control.
Ordering number : ENA1733A
Thick-Film Hybrid IC
2-phase Stepping Motor Driver
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Số phần tương tự - STK672-432B-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK672-432B-E ONSEMI-STK672-432B-E Datasheet
238Kb / 26P
   2-phase Stepping Motor Driver
More results

Mô tả tương tự - STK672-432B-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com