công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-210-E bảng dữ liệu(PDF) 5 Page - Sanyo Semicon Device

tên linh kiện STK672-210-E
Giải thích chi tiết về linh kiện  Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-210-E bảng dữ liệu(HTML) 5 Page - Sanyo Semicon Device

  STK672-210-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STK672-210-E
No. 7464-5/10
Setting the Motor Current Peak Value (IOH)
IOH ≈ Vref ÷ Rs
Vref: STK672-210-E pin 12 input voltage
Rs: STK672-210-E internal current detection resistor (0.195
Ω ±2%)
Model of the Motor Current Flowing into the Driver IC (pins 2, 3, 4, and 5)
Vref = (Ro2
÷ (Ro1 + Ro2)) × VCC2
VCC2 = 5V
Current Switching Techniques
Due to the input bias current (IIB) specifications, Ro1 must be under 100kΩ.
The figures below present sample circuits that temporarily switch the motor current when, for example a held motor
stops.
We recommend using the circuit structure in the figure at the left to minimize as much as possible the effects of the
saturation voltage of the reference voltage switching transistor.
Switching Circuit 1
Switching Circuit 2
Input Pin Circuits
Input pin
Circuit type
Pin 6, 7, 8, and 9
Pin 12
IOH
0
5V
Ro1
Ro3
Ro2
Vref
Ro1
Ro3
Ro2
Vref
5V
Vref
To one of the comparator
CR input
GND
VCC2
The 5V/GND switch shows how toff
time setting operates in the internal
block diagram on page 3. When
switched to GND, pull-down with an
input resistance of 20k
Ω is formed.
MOSFET gate signal
10k
Ω
5 V
10k
Ω
5V
To XB phase
XB phase PWM signal
X phase
(XB phase)


Số phần tương tự - STK672-210-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
More results

Mô tả tương tự - STK672-210-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
List of Unclassifed Man...
STK6980 ETC1-STK6980 Datasheet
108Kb / 2P
   4-PHASE STEPPING MOTOR DRIVE FOR UNIPOLAR CONSTANT-CURRENT CHOPPER DRIVER
logo
Toshiba Semiconductor
TB67S539FTG TOSHIBA-TB67S539FTG Datasheet
1Mb / 39P
   BiCD Constant-Current Two-Phase Bipolar Stepping Motor Driver IC
2022-06-21 Ver.1.1
logo
Sanyo Semicon Device
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com