công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-210-E bảng dữ liệu(PDF) 3 Page - Sanyo Semicon Device

tên linh kiện STK672-210-E
Giải thích chi tiết về linh kiện  Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-210-E bảng dữ liệu(HTML) 3 Page - Sanyo Semicon Device

  STK672-210-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STK672-210-E
No. 7464-3/10
Internal Block Diagram
Sample Application Circuit
• The Co1 ground lead must be connected as close as possible to pin 1 on the hybrid IC.
• HC type CMOS levels are recommended as the input specifications for pins 6 to 9.
• In case of TTL input, connect a pull-up resistor. (Recommended value: 2kΩ)
• Excitation control input specifications
Corresponding excitation control input signal
Corresponding output pin
Active: High
Active: Low
2 pin
φB
φBB
3 pin
φBB
φB
4 pin
φA
φAB
5 pin
φAB
φA
SUB
Off
Time
setting
Off
Time
setting
4
5
φAB
8
φA
9
3
2
SP
11
PG
1
Vref
12
φBB
6
φB
7
VCC2
10
STK672-210-E
VCC2 = 5 V
9
8
7
6
12
1
10
Stepping
motor
Co2 = 10
μF +
+
Ro1
Ro2
S.GND
φBB
φB
φAB
φA
At least VCC1=24V
Co1 = 220
μF
P.GND
2
3
4
5
11
ITF02289


Số phần tương tự - STK672-210-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
More results

Mô tả tương tự - STK672-210-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
List of Unclassifed Man...
STK6980 ETC1-STK6980 Datasheet
108Kb / 2P
   4-PHASE STEPPING MOTOR DRIVE FOR UNIPOLAR CONSTANT-CURRENT CHOPPER DRIVER
logo
Toshiba Semiconductor
TB67S539FTG TOSHIBA-TB67S539FTG Datasheet
1Mb / 39P
   BiCD Constant-Current Two-Phase Bipolar Stepping Motor Driver IC
2022-06-21 Ver.1.1
logo
Sanyo Semicon Device
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com