công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-110-E bảng dữ liệu(PDF) 4 Page - Sanyo Semicon Device

tên linh kiện STK672-110-E
Giải thích chi tiết về linh kiện  Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-110-E bảng dữ liệu(HTML) 4 Page - Sanyo Semicon Device

  STK672-110-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STK672-110-E
No.6041-4/9
Sample Application Circuit
• To minimize noise in the 5V system, locate the ground side of capacitor CO2 in the above circuit as close as possible
to pin 1 of the IC.
• Insert resistor RO3 (47 to 100Ω) so that the discharge energy from capacitor CO4 is not directly applied to the CMOS
IC in this hybrid device. If the diode D1 has Vf characteristics with Vf less than or equal to 0.6V (when If = 0.1A),
this will be smaller than the CMOS IC input pin diode Vf. If this is the case RO3 may be replaced with a short
without problem.
• Standard or HC type input levels are used for the pin 7, 8, and 9 inputs.
• If open-collector type circuits are used for the pin 7, 8, and 9 inputs, these circuit will be in the high-impedance state
for high level inputs. As a result, chopping circuit noise may cause the input circuits to operate incorrectly. To prevent
incorrect operation due to such noise, capacitors with values between 470 and 1000pF must be connected between
pins 7 and 11, 8 and 11, and 9 and 11. (A capacitor with a value between 470 and 1000pF must be connected between
pins 6 and 11 as well if an open-collector output IC is used for the RESETB pin (pin 6) input.)
• Taking the input bias current (IIB) characteristics into account, the resistor RO1 must not exceed 100kΩ.
• The following circuit (for a lowered current of over 0.2A) is recommended if the application needs to temporarily
lower the motor current. Here, a value of close to 100k
Ω must be used for resistor RO1 to make the transistor output
saturation voltage as low as possible.
5V
RO1
RO2
RO3
Vref
5V
RO1
RO2
RO3
Vref
STK672-110-E
CO3
10
μF
RESETB
5V
RO1
RO2
0.1
μF
CO1
Vref
RO3
5V
D1
CO4
+
+
+
10
μF
9
10
8
7
6
12
1
ITF02597
P.GND
VCC
24V
2
3
4
5
A
AB
B
BB
GND
CO2
At least 100
μF
Two-phase stepping motor
VDD=5V
CLOCK
MODE
CWB
11


Số phần tương tự - STK672-110-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
More results

Mô tả tương tự - STK672-110-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-330 SANYO-STK672-330 Datasheet
90Kb / 11P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-060-E SANYO-STK672-060-E Datasheet
200Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.2A (no heat sink*)
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com